Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331 Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP16331
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331 Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP16331 Datasheet HTML 32Page - Microchip Technology MCP16331 Datasheet HTML 33Page - Microchip Technology MCP16331 Datasheet HTML 34Page - Microchip Technology MCP16331 Datasheet HTML 35Page - Microchip Technology MCP16331 Datasheet HTML 36Page - Microchip Technology MCP16331 Datasheet HTML 37Page - Microchip Technology MCP16331 Datasheet HTML 38Page - Microchip Technology MCP16331 Datasheet HTML 39Page - Microchip Technology MCP16331 Datasheet HTML 40Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
MCP16331
DS20005308B-page 38
 2014 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP16331: High-Voltage Input Integrated Switch Step-
Down Regulator
MCP16331T: High-Voltage Input Integrated Switch Step-
Down Regulator (Tape and Reel)
Tape and Reel
Option:
T
= Tape and Reel(1)
Temperature Range:
E
= -40°C to +125°C
Package:
CH
= Plastic SOT-23, 6-lead
MNY*= Plastic Dual Flat TDFN, 8-lead
* Y = Nickel palladium gold manufacturing designator. Only
available on the TDFN package.
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identi-
fier is used for ordering purposes and is not
printed on the device package. Check with
your Microchip Sales Office for package
availability with the Tape and Reel option.
Examples:
a)
MCP16331T-E/CH:
Tape and Reel,
Extended Temperature,
6LD SOT-23 package
b)
MCP16331T-E/MNY: Tape and Reel,
Extended Temperature,
8LD TDFN package
PART NO.
X
/XX
Package
Temperature
Range
Device
[X](1)
Tape and Reel
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com