Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16331 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP16331
Description  High-Voltage Input Integrated Switch Step-Down Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16331 Datasheet(HTML) 4 Page - Microchip Technology

  MCP16331 Datasheet HTML 1Page - Microchip Technology MCP16331 Datasheet HTML 2Page - Microchip Technology MCP16331 Datasheet HTML 3Page - Microchip Technology MCP16331 Datasheet HTML 4Page - Microchip Technology MCP16331 Datasheet HTML 5Page - Microchip Technology MCP16331 Datasheet HTML 6Page - Microchip Technology MCP16331 Datasheet HTML 7Page - Microchip Technology MCP16331 Datasheet HTML 8Page - Microchip Technology MCP16331 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
MCP16331
DS20005308B-page 4
 2014 Microchip Technology Inc.
EN Input Logic Low
VIL
0.4
V
EN Input Leakage Current
IENLK
0.007
0.5
µA
VIN = EN = 5V
Soft-Start Time
tSS
600
µs
EN Low-to-High,
90% of VOUT
Thermal Shutdown Die
Temperature
TSD
160
C
Note 3
Die Temperature Hysteresis
TSDHYS
30
C
Note 3
TEMPERATURE SPECIFICATIONS
Electrical Specifications:
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Temperature Ranges
Operating Junction Temperature Range
TJ
-40
+125
°C
Steady State
Storage Temperature Range
TA
-65
+150
°C
Maximum Junction Temperature
TJ
+160
°C
Transient
Package Thermal Resistances
Thermal Resistance, 6L-SOT-23
JA
190.5
°C/W
EIA/JESD51-3 Standard
Thermal Resistance, 8L-2x3 TDFN
JA
52.5
°C/W
EIA/JESD51-3 Standard
DC CHARACTERISTICS (CONTINUED)
Electrical Characteristics:
Unless otherwise indicated, TA = +25°C, VIN = VEN = 12V, VBOOST - VSW = 3.3V, 
VOUT = 3.3V, IOUT = 100 mA, L = 15 µH, COUT = CIN = 2 X 10 µF X7R Ceramic Capacitors
Boldface
specifications apply over the TA range of -40°C to +125°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note
1:
The input voltage should be > output voltage + headroom voltage; higher load currents increase the input voltage
necessary for regulation. See characterization graphs for typical input to output operating voltage range.
2:
VBOOST supply is derived from VOUT.
3:
Determined by characterization, not production tested.
4:
This is ensured by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com