Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS723KMA Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ACS723KMA
Description  High Accuracy, Hall-effect Based Current Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS723KMA Datasheet(HTML) 4 Page - Allegro MicroSystems

  ACS723KMA Datasheet HTML 1Page - Allegro MicroSystems ACS723KMA Datasheet HTML 2Page - Allegro MicroSystems ACS723KMA Datasheet HTML 3Page - Allegro MicroSystems ACS723KMA Datasheet HTML 4Page - Allegro MicroSystems ACS723KMA Datasheet HTML 5Page - Allegro MicroSystems ACS723KMA Datasheet HTML 6Page - Allegro MicroSystems ACS723KMA Datasheet HTML 7Page - Allegro MicroSystems ACS723KMA Datasheet HTML 8Page - Allegro MicroSystems ACS723KMA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
High Accuracy, Hall-effect Based Current Sensor
IC in High Isolation SOIC16 Package
ACS723KMA
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Master Current
Supply
Programming
Control
EEPROM and
Control Logic
Offset
Control
Sensitivity
Control
Tuned
Filter
Temperature
Sensor
Hall
Current
Drive
POR
To All Subcircuits
IP+
IP+
IP+
IP+
IP
IP
IP
–
–
–
IP
–
VCC
VIOUT
GND
BW_SEL
Terminal List Table
Number
Name
Description
1, 2, 3, 4
IP+
Terminals for current being sensed; fused internally
5, 6, 7, 8
IP-
Terminals for current being sensed; fused internally
9, 16
NC
No internal connection; recommended to be left unconnected in order to
maintain high creepage.
10
VCC
Device power supply terminal
11, 14
NC
No internal connection; recommened to connect to GND for the best ESD
performance
12
VIOUT
Analog output signal
13
BW_SEL
Terminal for selecting 20 kHz or 80 kHz bandwidth
15
GND
Signal ground terminal
Functional Block Diagram
Pin-out Diagram
1
IP+
2
IP+
3
IP+
4
IP+
5
IP-
6
IP-
7
IP-
8
IP-
9 NC
10 VCC
11 NC
12 VIOUT
13 BW_SEL
14 NC
15 GND
16 NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com