Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS723KMA Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ACS723KMA
Description  High Accuracy, Hall-effect Based Current Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS723KMA Datasheet(HTML) 3 Page - Allegro MicroSystems

  ACS723KMA Datasheet HTML 1Page - Allegro MicroSystems ACS723KMA Datasheet HTML 2Page - Allegro MicroSystems ACS723KMA Datasheet HTML 3Page - Allegro MicroSystems ACS723KMA Datasheet HTML 4Page - Allegro MicroSystems ACS723KMA Datasheet HTML 5Page - Allegro MicroSystems ACS723KMA Datasheet HTML 6Page - Allegro MicroSystems ACS723KMA Datasheet HTML 7Page - Allegro MicroSystems ACS723KMA Datasheet HTML 8Page - Allegro MicroSystems ACS723KMA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
High Accuracy, Hall-effect Based Current Sensor
IC in High Isolation SOIC16 Package
ACS723KMA
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Thermal Characteristics
Characteristic
Symbol
Test Conditions*
Value Units
Package Thermal Resistance
(Junction to Ambient)
RθJA
Mounted on the Allegro 85-0738 evaluation board with 700 mm2 of 4 oz.
copper on each side, connected to pins 1 and 2, and to pins 3 and 4, with
thermal vias connecting the layers. Performance values include the power
consumed by the PCB.
23
ºC/W
Package Thermal Resistance
(Junction to Lead)
RθJL
Mounted on the Allegro ASEK 723 evaluation board.
5
ºC/W
*Additional thermal information available on the Allegro website.
Isolation Characteristics
Characteristic
Symbol
Notes
Rating
Unit
Dielectric Strength Test Voltage
VISO
Agency type-tested for 60 seconds per UL 60950-1
(edition. 2). Production tested at 3000 VRMS for 1 second,
in accordance with UL 60950-1 (edition. 2).
4800
VRMS
Working Voltage for Basic Isolation
VWVBI
Maximum approved working voltage for basic (single)
isolation according UL 60950-1 (edition 2)
1550
VPK
1097
VRMS or VDC
Working Voltage for Reinforced Isolation
VWVRI
Maximum approved working voltage for reinforced
isolation according to UL 60950-1 (edition 2)
800
VPK
565
VRMS or VDC
Clearance
Dcl
Minimum distance through air from IP leads to signal
leads.
7.5
mm
Creepage
Dcr
Minimum distance along package body from IP leads to
signal leads
8.2
mm
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Supply Voltage
VCC
6
V
Reverse Supply Voltage
VRCC
–0.1
V
Output Voltage
VIOUT
25
V
Reverse Output Voltage
VRIOUT
–0.1
V
Operating Ambient Temperature
TA
Range K
–40 to 125
°C
Junction Temperature
TJ(max)
165
°C
Storage Temperature
Tstg
–65 to 165
°C
SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com