Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS723KMA Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ACS723KMA
Description  High Accuracy, Hall-effect Based Current Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS723KMA Datasheet(HTML) 2 Page - Allegro MicroSystems

  ACS723KMA Datasheet HTML 1Page - Allegro MicroSystems ACS723KMA Datasheet HTML 2Page - Allegro MicroSystems ACS723KMA Datasheet HTML 3Page - Allegro MicroSystems ACS723KMA Datasheet HTML 4Page - Allegro MicroSystems ACS723KMA Datasheet HTML 5Page - Allegro MicroSystems ACS723KMA Datasheet HTML 6Page - Allegro MicroSystems ACS723KMA Datasheet HTML 7Page - Allegro MicroSystems ACS723KMA Datasheet HTML 8Page - Allegro MicroSystems ACS723KMA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
High Accuracy, Hall-effect Based Current Sensor
IC in High Isolation SOIC16 Package
ACS723KMA
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
The ACS723 is provided in a low profile surface mount SOIC16
package. The leadframe is plated with 100% matte tin, which is
compatiblewithstandardlead(Pb)freeprintedcircuitboardassembly
processes. Internally, the device is Pb-free, except for flip-chip high-
temperature Pb-based solder balls, currently exempt from RoHS.
The device is fully calibrated prior to shipment from the factory.
Description (continued)
• Chopper stabilization results in extremely stable quiescent
output voltage
• Nearly zero magnetic hysteresis
• Ratiometric output from supply voltage
Features and Benefits (continued)
Selection Guide
Part Number
IPR (A)
Sens(Typ) at VCC = 5.0 V
(mV/A)
TA (°C)
Packing1
ACS723KMATR-10AB-T
±10
200
-40 to 125
Tape and Reel, 3000 pieces per reel
ACS723KMATR-20AB-T
±20
100
ACS723KMATR-40AB-T
±40
50
1
Contact Allegro for additional packing options.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com