Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS723KMA Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ACS723KMA
Description  High Accuracy, Hall-effect Based Current Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS723KMA Datasheet(HTML) 1 Page - Allegro MicroSystems

  ACS723KMA Datasheet HTML 1Page - Allegro MicroSystems ACS723KMA Datasheet HTML 2Page - Allegro MicroSystems ACS723KMA Datasheet HTML 3Page - Allegro MicroSystems ACS723KMA Datasheet HTML 4Page - Allegro MicroSystems ACS723KMA Datasheet HTML 5Page - Allegro MicroSystems ACS723KMA Datasheet HTML 6Page - Allegro MicroSystems ACS723KMA Datasheet HTML 7Page - Allegro MicroSystems ACS723KMA Datasheet HTML 8Page - Allegro MicroSystems ACS723KMA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ACS723KMA
TheAllegro™ACS723 current sensor IC is an economical and
precise solution for AC or DC current sensing in industrial,
commercial, and communication systems. The small package
is ideal for space constrained applications while also saving
costs due to reduced board area. Typical applications include
motorcontrol,loaddetectionandmanagement,switched-mode
power supplies, and overcurrent fault protection.
The device consists of a precise, low-offset, linear Hall
sensor circuit with a copper conduction path located near the
surface of the die.Applied current flowing through this copper
conduction path generates a magnetic field which is sensed by
theintegratedHallICandconvertedintoaproportionalvoltage.
Deviceaccuracyisoptimizedthroughthecloseproximityofthe
magnetic field to the Hall transducer. A precise, proportional
voltage is provided by the low-offset, chopper-stabilized
BiCMOS Hall IC, which includes Allegro’s patented digital
temperature compensation, resulting in extremely accurate
performance over temperature. The output of the device has
a positive slope when an increasing current flows through the
primary copper conduction path (from pins 1 through 4, to pins
5 through 8), which is the path used for current sensing. The
internal resistance of this conductive path is 0.85 mΩ typical,
providing low power loss.
The terminals of the conductive path are electrically isolated
from the sensor leads (pins 9 through 16). This allows the
ACS723 current sensor IC to be used in high-side current sense
applicationswithouttheuseofhigh-sidedifferentialamplifiers
or other costly isolation techniques.
ACS723-DS
• Patented integrated digital temperature compensation
circuitry allows for near closed loop accuracy over
temperature in an open loop sensor
• UL60950-1 (ed. 2) certified
□ Dielectric Strength Voltage = 4.8 kVrms
□ Basic Isolation Working Voltage = 1097 Vrms
□ Reinforced Isolation Working Voltage = 565 Vrms
• Industry-leading noise performance with greatly improved
bandwidth through proprietary amplifier and filter
design techniques
• Pin-selectable band width: 80 kHz for high bandwidth
applications or 20 kHz for low noise performance
• 0.85 mΩ primary conductor resistance for low power loss
and high inrush current withstand capability
• Low-profile SOIC16 package suitable for space-
constrained applications
• 4.5 to 5.5 V, single supply operation
• Output voltage proportional to AC or DC current
• Factory-trimmed sensitivity and quiescent output voltage
for improved accuracy
High Accuracy, Hall-effect Based Current Sensor
IC in High Isolation SOIC16 Package
Continued on the next page…
Package: 16-pin SOICW (suffix MA)
Typical Application
1
5
2
6
3
7
4
8
+I
I
C
C
0.1 F
m
–I
IP+
IP+
IP+
IP+
IP–
IP–
IP–
IP–
P
P
L
BYPASS
P
NC
GND
NC
BW_SEL
VIOUT
NC
VCC
NC
9
10
11
12
13
14
15
16
ACS723
The ACS723 outputs an
analog signal, VIOUT, that
changes, proportionally, with
the bidirectional AC or DC
primary sensed current, IP,
within the specified measure-
ment range. The BW_SEL pin
can be used to select one of
the two bandwidths to opti-
mize the noise performance.
Grounding the BW_SEL pin
puts the part in the high
bandwidth (80 kHz) mode.
Continued on the next page…
Approximate Scale 1:1
FEATURES AND BENEFITS
DESCRIPTION
CB Certificate Number:
US-22339-A1-UL
TÜV America
Certificate Number:
U8V 14 11 54214 030
CB 14 11 54214 029
Ty
pe
te
ste
d


Similar Part No. - ACS723KMA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS723 ALLEGRO-ACS723 Datasheet
686Kb / 22P
High Accuracy, Galvanically Isolated Current Sensor IC
ACS723LLCTR-05AB-T ALLEGRO-ACS723LLCTR-05AB-T Datasheet
686Kb / 22P
High Accuracy, Galvanically Isolated Current Sensor IC
More results

Similar Description - ACS723KMA

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS712 ALLEGRO-ACS712_V13 Datasheet
642Kb / 14P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
logo
Diodes Incorporated
AH8503 DIODES-AH8503 Datasheet
847Kb / 19P
HIGH ACCURACY MICROPOWER LINEAR HALL EFFECT SENSOR
Rev 1
logo
Allegro MicroSystems
ACS713 ALLEGRO-ACS713_16 Datasheet
569Kb / 14P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS724KMA ALLEGRO-ACS724KMA Datasheet
792Kb / 18P
High-Accuracy, Hall-Effect-Based Current Sensor IC
ACS725KMA ALLEGRO-ACS725KMA Datasheet
787Kb / 17P
High-Accuracy, Hall-Effect-Based Current Sensor IC with
ACS764 ALLEGRO-ACS764 Datasheet
387Kb / 22P
Fully Integrated, Hall-Effect Based Current Sensor IC
ACS722KMA ALLEGRO-ACS722KMA Datasheet
586Kb / 17P
High Accuracy, Hall-effect Based Current Sensor IC in High Isolation SOIC16 Package
A19420 ALLEGRO-A19420 Datasheet
920Kb / 11P
High-Accuracy Hall-Effect Transmission Speed Sensor IC
ACS724LMC ALLEGRO-ACS724LMC Datasheet
1Mb / 17P
High Accuracy Hall-Effect-Based Current Sensor
3 September 25, 2020
ACS773 ALLEGRO-ACS773_V01 Datasheet
2Mb / 32P
High Accuracy, Hall-Effect-Based, 200 kHz Bandwidth, Galvanically Isolated Current Sensor IC with 100 μΩ Current Conductor
August 12, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com