Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS723KMA Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # ACS723KMA
Description  High Accuracy, Hall-effect Based Current Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS723KMA Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button ACS723KMA Datasheet HTML 4Page - Allegro MicroSystems ACS723KMA Datasheet HTML 5Page - Allegro MicroSystems ACS723KMA Datasheet HTML 6Page - Allegro MicroSystems ACS723KMA Datasheet HTML 7Page - Allegro MicroSystems ACS723KMA Datasheet HTML 8Page - Allegro MicroSystems ACS723KMA Datasheet HTML 9Page - Allegro MicroSystems ACS723KMA Datasheet HTML 10Page - Allegro MicroSystems ACS723KMA Datasheet HTML 11Page - Allegro MicroSystems ACS723KMA Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
High Accuracy, Hall-effect Based Current Sensor
IC in High Isolation SOIC16 Package
ACS723KMA
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
xKMATR-40AB PERFORMANCE CHARACTERISTICS
: TA Range K, valid at TA = – 40°C to 125°C, VCC = 5.0 V, unless
otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.1
Max.
Units
Nominal Performance
Current Sensing Range
IPR
–40
–
40
A
Sensitivity
Sens
IPR(min) < IP < IPR(max)
–
50
–
mV/A
Zero Current Output Voltage
VIOUT(Q)
Bidirectional; IP = 0 A
–
VCC x
0.5
–
V
Accuracy Performance
Total Output Error2
ETOT
IP = IPR(max), TA = 25°C to 125°C
–2
±0.8
2
%
IP = IPR(max), TA = –40°C to 25°C
–
±1.8
–
%
Total Output Error Components 3: ETOT = ESENS + 100 × VOE/(Sens × IP)
Sensitivity Error
ESENS
TA = 25°C to 125°C; measured at IP = IPR(max)
–1.5
±0.8
1.5
%
TA = –40°C to 25°C; ; measured at IP = IPR(max)
–
±1.8
–
%
Offset Voltage4
VOE
IP = 0 A; TA = 25°C to 125°C
–10
±4
10
mV
IP = 0 A; TA = -40°C to 25°C
–
±6
–
mV
Lifetime Drift Characteristics
Sensitivity Error Lifetime Drift
Esens_drift
–
±1
–
%
Total Output Error Lifetime
Drift
Etot_drift
–
±1
–
%
1
Typical values with +/- are 3 sigma values.
2
Percentage of IP, with IP = IPR(max)
3
A single part will not have both the maximum/minimum sensitivity error and maximum/minimum offset voltage, as that would violate the maximum/minimum total output
error specification. Also, 3 sigma distribution values are combined by taking the square root of the sum of the squares. See Application Information section.
4
Offset Voltage does not incorporate any error due to external magnetic fields. See section: Impact of External Magnetic Fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com