Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS723KMA Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # ACS723KMA
Description  High Accuracy, Hall-effect Based Current Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS723KMA Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button ACS723KMA Datasheet HTML 8Page - Allegro MicroSystems ACS723KMA Datasheet HTML 9Page - Allegro MicroSystems ACS723KMA Datasheet HTML 10Page - Allegro MicroSystems ACS723KMA Datasheet HTML 11Page - Allegro MicroSystems ACS723KMA Datasheet HTML 12Page - Allegro MicroSystems ACS723KMA Datasheet HTML 13Page - Allegro MicroSystems ACS723KMA Datasheet HTML 14Page - Allegro MicroSystems ACS723KMA Datasheet HTML 15Page - Allegro MicroSystems ACS723KMA Datasheet HTML 16Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
High Accuracy, Hall-effect Based Current Sensor
IC in High Isolation SOIC16 Package
ACS723KMA
12
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Sensitivity (Sens)
The change in sensor IC output in response to a 1A change
through the primary conductor. The sensitivity is the product
of the magnetic coupling factor (G/A) (1 G = 0.1 mT)and the
linear IC amplifier gain (mV/G). The linear IC amplifier gain is
programmed at the factory to optimize the sensitivity (mV/A) for
the full-scale current of the device.
Nonlinearity (ELIN)
The nonlinearity is a measure of how linear the output of the sen-
sor IC is over the full current measurement range. The nonlinear-
ity is calculated as:
1–
[{
[ {
VIOUT(IPR(max)) – VIOUT(Q)
× 100 (%)
ELIN =
2 × VIOUT(IPR(max)/2) – VIOUT(Q)
where VIOUT(IPR(max)) is the output of the sensor IC with the
maximum measurement current flowing through it and
VIOUT(IPR(max)/2) is the output of the sensor IC with half of the
maximum measurement current flowing through it.
Zero Current Output Voltage (VIOUT(Q))
The output of the sensor when the primary current is zero. For
a unipolar supply voltage, it nominally remains at 0.5 × VCC for
a bidirectional device and 0.1 × VCC for a unidirectional device.
For example, in the case of a bidirectional output device, VCC =
5.0 V translates into VIOUT(Q) = 2.50 V. Variation in VIOUT(Q) can
be attributed to the resolution of the Allegro linear IC quiescent
voltage trim and thermal drift.
Offset Voltage (VOE)
The deviation of the device output from its ideal quiescent value
of 0.5 × VCC (bidirectional) or 0.1 × VCC (unidirectional) due to
nonmagnetic causes. To convert this voltage to amperes, divide
by the device sensitivity, Sens.
Total Output Error (ETOT)
The the difference between the current measurement from the
sensor IC and the actual current (IP), relative to the actual current.
This is equivalent to the difference between the ideal output volt-
age and the actual output voltage, divided by the ideal sensitivity,
relative to the current flowing through the primary conduction
path:
ETOT(IP)
VIOUT_ideal(IP) – VIOUT(IP)
Sensideal(IP) × IP
× 100 (%)
=
The Total Output Error incorporates all sources of error and is a
function of IP. At relatively high currents, ETOT will be mostly
DEFINITIONS OF ACCURACY CHARACTERISTICS
Figure 1: Output Voltage versus Sensed Current
Figure 2: Total Output Error versus Sensed Current
0 A
Decreasing
VIOUT (V)
Accuracy Across
Temperature
Accuracy Across
Temperature
Accuracy Across
Temperature
Accuracy at
25°C Only
Accuracy at
25°C Only
Accuracy at
25°C Only
Increasing
VIOUT (V)
Ideal VIOUT
IPR(min)
IPR(max)
+IP (A)
–IP (A)
VIOUT(Q)
Full Scale IP
+IP
–IP
+ETOT
–ETOT
Across Temperature
25°C Only
due to sensitivity error, and at relatively low currents, ETOT will
be mostly due to Offset Voltage (VOE). In fact, at IP = 0, ETOT
approaches infinity due to the offset. This is illustrated in Figures
1 and 2. Figure 1 shows a distribution of output voltages versus IP
at 25°C and across temperature. Figure 2 shows the correspond-
ing ETOT versus IP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com