Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS723KMA Datasheet(PDF) 14 Page - Allegro MicroSystems

Part # ACS723KMA
Description  High Accuracy, Hall-effect Based Current Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS723KMA Datasheet(HTML) 14 Page - Allegro MicroSystems

Back Button ACS723KMA Datasheet HTML 9Page - Allegro MicroSystems ACS723KMA Datasheet HTML 10Page - Allegro MicroSystems ACS723KMA Datasheet HTML 11Page - Allegro MicroSystems ACS723KMA Datasheet HTML 12Page - Allegro MicroSystems ACS723KMA Datasheet HTML 13Page - Allegro MicroSystems ACS723KMA Datasheet HTML 14Page - Allegro MicroSystems ACS723KMA Datasheet HTML 15Page - Allegro MicroSystems ACS723KMA Datasheet HTML 16Page - Allegro MicroSystems ACS723KMA Datasheet HTML 17Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
High Accuracy, Hall-effect Based Current Sensor
IC in High Isolation SOIC16 Package
ACS723KMA
14
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
DEFINITIONS OF DYNAMIC RESPONSE CHARACTERISTICS
Power-On Time (tPO)
When the supply is ramped to its operating voltage, the device
requires a finite time to power its internal components before
responding to an input magnetic field.
Power-On Time (tPO) is defined as the time it takes for the output
voltage to settle within ±10% of its steady state value under an
applied magnetic field, after the power supply has reached its
minimum specified operating voltage (VCC(min)) as shown in the
chart at right (refer to Figure 4).
Rise Time (tr)
The time interval between: a) when the sensor IC reaches 10%
of its full scale value; and b) when it reaches 90% of its full scale
value (refer to Figure 5). The rise time to a step response is used
to derive the bandwidth of the current sensor IC, in which ƒ(–3
dB) = 0.35/tr. Both tr and tRESPONSE are detrimentally affected by
eddy current losses observed in the conductive IC ground plane.
Propagation Delay (tpd)
The propagation delay is measured as the time interval between:
a) when the primary current signal reaches 20% of its final value;
and b) when the device reaches 20% of its output corresponding
to the applied current (refer to Figure 5).
Response Time (tRESPONSE)
The time interval between: a) when the primary current signal
reaches 90% of its final value; and b) when the device reaches
90% of its output corresponding to the applied current (refer to
Figure 6).
VIOUT
V
t
VCC
VCC(min.)
90% VIOUT
0
t1= time at which power supply reaches
minimum specified operating voltage
t2= time at which output voltage settles
within ±10% of its steady state value
under an applied magnetic field
t1
t2
tPO
VCC(typ.)
Primary Current
VIOUT
90
0
(%)
Response Time, tRESPONSE
t
Primary Current
VIOUT
90
10
20
0
(%)
Propagation Delay, tpd
Rise Time, tr
t
Figure 4: Power-On Time
Figure 5: Rise Time and Propagation Delay
Figure 6: Response Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com