Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS723KMA Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # ACS723KMA
Description  High Accuracy, Hall-effect Based Current Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS723KMA Datasheet(HTML) 5 Page - Allegro MicroSystems

  ACS723KMA Datasheet HTML 1Page - Allegro MicroSystems ACS723KMA Datasheet HTML 2Page - Allegro MicroSystems ACS723KMA Datasheet HTML 3Page - Allegro MicroSystems ACS723KMA Datasheet HTML 4Page - Allegro MicroSystems ACS723KMA Datasheet HTML 5Page - Allegro MicroSystems ACS723KMA Datasheet HTML 6Page - Allegro MicroSystems ACS723KMA Datasheet HTML 7Page - Allegro MicroSystems ACS723KMA Datasheet HTML 8Page - Allegro MicroSystems ACS723KMA Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
High Accuracy, Hall-effect Based Current Sensor
IC in High Isolation SOIC16 Package
ACS723KMA
5
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Supply Voltage
VCC
4.5
5
5.5
V
Supply Current
ICC
VCC within VCC(min) and VCC(max)
–
9
14
mA
Output Capacitance Load
CL
VIOUT to GND
–
–
10
nF
Output Resistive Load
RL
VIOUT to GND
4.7
–
–
kΩ
Primary Conductor Resistance
RIP
TA = 25°C
–
0.85
–
mΩ
Magnetic Coupling Factor
CF
–
4.5
–
G/A
Rise Time
tr
IP = IP(max), TA = 25°C, CL = 1 nF,
BW_SEL tied to GND
–
4
–
μs
IP = IP(max), TA = 25°C, CL = 1 nF,
BW_SEL tied to VCC
–
17.5
–
μs
Propagation Delay
tpd
IP = IP(max), TA = 25°C, CL = 1 nF,
BW_SEL tied to GND
–
2
–
μs
IP = IP(max), TA = 25°C, CL = 1 nF,
BW_SEL tied to VCC
–
5
–
μs
Response Time
tRESPONSE
IP = IP(max), TA = 25°C, CL = 1 nF,
BW_SEL tied to GND
–
5
–
μs
IP = IP(max), TA = 25°C, CL = 1 nF,
BW_SEL tied to VCC
–
22.5
–
μs
Internal Bandwidth
BWi
Small signal –3 dB; CL = 1 nF,
BW_SEL tied to GND
–
80
–
kHz
Small signal –3 dB; CL = 1nF,
BW_SEL tied to VCC
–
20
–
kHz
Noise Density
IND
Input referenced noise density;
TA = 25°C, CL = 1 nF
–
220
–
µA(rms)/
√
Hz
Noise
IN
Input referenced noise; BWi = 80 kHz,
TA = 25°C, CL = 1 nF
–
62
–
mA(rms)
Input referenced noise; BWi = 20 kHz,
TA = 25°C, CL = 1 nF
–
31
–
mA(rms)
Nonlinearity
ELIN
Through full range of IP
–
±1
%
Saturation Voltage2
VOH
RL = 4.7 kΩ, TA = 25°C
VCC – 0.5
–
–
V
VOL
RL = 4.7 kΩ, TA = 25°C
–
–
0.5
V
Power-On Time
tPO
Output reaches 90% of steady-state
level, TA = 25°C, IP = IPR(max) applied
–
64
–
μs
1
Device may be operated at higher primary current levels, IP, ambient temperatures, TA, and internal leadframe temperatures, provided the Maximum Junction Tempera-
ture, TJ(max), is not exceeded.
2
The sensor IC will continue to respond to current beyond the range of IP until the high or low saturation voltage; however, the nonlinearity in this region will be worse than
through the rest of the measurement range.
COMMON ELECTRICAL CHARACTERISTICS1: valid through the full range of TA = –40°C to 125°C, and at VCC=
5 V; unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com