Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS723KMA Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # ACS723KMA
Description  High Accuracy, Hall-effect Based Current Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ACS723KMA Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button ACS723KMA Datasheet HTML 9Page - Allegro MicroSystems ACS723KMA Datasheet HTML 10Page - Allegro MicroSystems ACS723KMA Datasheet HTML 11Page - Allegro MicroSystems ACS723KMA Datasheet HTML 12Page - Allegro MicroSystems ACS723KMA Datasheet HTML 13Page - Allegro MicroSystems ACS723KMA Datasheet HTML 14Page - Allegro MicroSystems ACS723KMA Datasheet HTML 15Page - Allegro MicroSystems ACS723KMA Datasheet HTML 16Page - Allegro MicroSystems ACS723KMA Datasheet HTML 17Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
High Accuracy, Hall-effect Based Current Sensor
IC in High Isolation SOIC16 Package
ACS723KMA
13
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
APPLICATION INFORMATION
Impact of External Magnetic Fields
The ACS723 works by sensing the magnetic field created by the
current flowing through the package. However, the sensor cannot
differentiate between fields created by the current flow and exter-
nal magnetic fields. This means that external magnetic fields can
cause errors in the output of the sensor. Magnetic fields which are
perpendicular to the surface of the package affect the output of
the sensor, as it only senses fields in that one plane. The error in
Amperes can be quantified as:
Error(B) =
B
C
F
where B is the strength of the external field perpendicular to the
surface of the package in Gauss, and CF is the coupling factor in
G/A. Then, multiplying by the sensitivity of the part (Sens) gives
the error in mV.
For example, an external field of 1 Gauss will result in around
0.22 A of error. If the ACS723KMATR-10AB, which has a nomi-
nal sensitivity of 200 mV/A, is being used, that equates to 44 mV
of error on the output of the sensor.
Table 1: External Magnetic Field (Gauss) Impact
External Field
(Gauss)
Error (A)
Error (mV)
10AB
20AB
40AB
0.5
0.11
22
11
6
1
0.22
44
22
11
2
0.44
88
44
22
Estimating Total Error vs. Sensed Current
The Performance Characteristics tables give distribution (±3
sigma) values for Total Error at IPR(max); however, one often
wants to know what error to expect at a particular current. This
can be estimated by using the distribution data for the compo-
nents of Total Error, Sensitivity Error and Offset Voltage. The
±3 sigma value for Total Error (ETOT) as a function of the sensed
current (IP) is estimated as:
E(I) =
TOTP
100 × V
OE
Sens × I
P
E+
SENS
2
()
2
Here, ESENS and VOE are the ±3 sigma values for those error
terms. If there is an average sensitivity error or average offset
voltage, then the average Total Error is estimated as:
Sens × I
P
E(I) = E+
TOTP
SENS
AVGAVG
100 × V
OEAVG
The resulting total error will be a sum of ETOT and ETOT_AVG.
Using these equations and the 3 sigma distributions for Sensitiv-
ity Error and Offset Voltage, the Total Error vs. sensed current
(IP) is below for the ACS723KMATR-40AB. As expected, as one
goes towards zero current, the error in percent goes towards infin-
ity due to division by zero (refer to Figure 3).
15.00
10.00
5.00
0.00
-5.00
-10.00
-15.00
0
510152025
30
35
40
-40C+3sig
-40C-3sig
25C+3sig
25C-3sig
125C+3sig
125C-3sig
Current (A)
Figure 3: Predicted Total Error as a Function of Sensed
Current for the ACS723KMATR-40AB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com