Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS128 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS128
Description  Highly Programmable, Back-Biased, Hall-Effect Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS128 Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS128 Datasheet HTML 1Page - Allegro MicroSystems ATS128 Datasheet HTML 2Page - Allegro MicroSystems ATS128 Datasheet HTML 3Page - Allegro MicroSystems ATS128 Datasheet HTML 4Page - Allegro MicroSystems ATS128 Datasheet HTML 5Page - Allegro MicroSystems ATS128 Datasheet HTML 6Page - Allegro MicroSystems ATS128 Datasheet HTML 7Page - Allegro MicroSystems ATS128 Datasheet HTML 8Page - Allegro MicroSystems ATS128 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Highly Programmable, Back-Biased,
Hall-Effect Switch with TPOS Functionality
ATS128LSE
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
OPERATING CHARACTERISTICS (continued) Valid with TA = –40°C to 150°C, CBYPASS = 0.1 μF, VCC = 12 V,
unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Output Stage Characteristics (continued)
Output Polarity2
POL
POL = 0
B > BOP, opposite tooth
–
Low
–
–
B < BRP, opposite valley
–
High
–
–
POL = 1
B > BOP, opposite tooth
–
High
–
–
B < BRP, opposite valley
–
Low
–
–
Magnetic Characteristics
valid VCC = 3 to 24 V, TJ ≤ TJ(max), using Allegro 8X reference target, unless otherwise noted
Air Gap Setpoint Drift Over Temperature5
AGDrift
Device programmed with air gap of 2.5 mm
–
±0.2
–
mm
Programming Characteristics
Switchpoint Magnitude Selection Bits
BitBOPSEL
–8–
Bit
Switchpoint Polarity Bits
BitBOPPOL
–1–
Bit
Output Polarity Bits
BitPOL
–1–
Bit
Fall Time Bits
BitFALL
–2–
Bit
Device Lock Bits
BitLOCK
–1–
Bit
Programmable Air Gap Range6,7
AGRange
TA = 25°C, Minimum code (BOPPOL = 1,
BOPSEL = 255)
2.5
–
–
mm
TA = 25°C, Maximum code (BOPPOL = 0,
BOPSEL = 255)
–
–
1.5
mm
AGRange Programming Resolution
ResAG
TA = 25°C, device programmed with air gap of
2.5 mm
–
0.05
–
mm
1Determined by design and device characterization.
2Output state when device configured as shown in figure 4.
3Output Rise Time is governed by external circuit tied to VOUT. Measured from 10% to 90% of steady state output.
4Measured from 90% to 10% of steady state output.
5Switchpoint varies with temperature, proportionally to the programmed air gap. This parameter is based on characterization data and is not a tested
parameter in production. The AGDrift value trends smaller as temperature increases.
6Switchpoint varies with temperature. A sufficient margin, obtained through customer testing, is recommended to ensure functionality across the
operating temperature range. Programming at larger air gaps leaves less margin for switchpoint drift.
7At the minimum code setpoint (BOPSEL = 255, BOPPOL = 1), the switchpoint can correspond to an air gap greater than 2.5 mm, and at maximum
code setpoint (BOPSEL = 255, BOPPOL = 0), the switchpoint can correspond to an air gap smaller than 1.5 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com