Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS128 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # ATS128
Description  Highly Programmable, Back-Biased, Hall-Effect Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS128 Datasheet(HTML) 1 Page - Allegro MicroSystems

  ATS128 Datasheet HTML 1Page - Allegro MicroSystems ATS128 Datasheet HTML 2Page - Allegro MicroSystems ATS128 Datasheet HTML 3Page - Allegro MicroSystems ATS128 Datasheet HTML 4Page - Allegro MicroSystems ATS128 Datasheet HTML 5Page - Allegro MicroSystems ATS128 Datasheet HTML 6Page - Allegro MicroSystems ATS128 Datasheet HTML 7Page - Allegro MicroSystems ATS128 Datasheet HTML 8Page - Allegro MicroSystems ATS128 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Description
The ATS128LSE programmable, true power-on state (TPOS),
sensor IC is an optimized combination of Hall-effect IC and
rare-earth pellet that switches in response to magnetic signals
created by ferromagnetic targets in gear-tooth sensing and
proximity sensing applications.
These devices offer a wide programming range for the magnetic
operate point, BOP. A fixed hysteresis then sets the magnetic
release point, BRP, based on the selected BOP .
The devices are externally programmable. A wide range of
programmability is available on the magnetic operate point,
BOP, while the hysteresis remains fixed. This advanced
feature allows optimization of the sensor IC switchpoint and
can drastically reduce the effects of mechanical placement
tolerances found in production environments.
A proprietary dynamic offset cancellation technique, with
an internal high-frequency clock, reduces the residual offset
voltage, which is normally caused by device overmolding,
temperature dependencies, and thermal stress. Having the Hall
elementandamplifierinasinglechipminimizesmanyproblems
normally associated with low-level analog signals.
This device is ideal for use in gathering speed or position
information using gear-tooth–based configurations, or for
proximity sensing with ferromagnetic targets.
The ATS128 is provided in a 4-pin SIP. It is lead (Pb) free,
with 100% matte tin leadframe plating.
ATS128LSE-DS
Features and Benefits
• Chopper stabilization for stable switchpoints throughout
operating temperature range
• User-programmable:
▫ Magnetic operate point through theVCCpin:
9 programming bits provide 4-gauss resolution
▫ Output polarity
▫ Output fall time for reduced EMI in
automotive applications
• On-board voltage regulator for 3 to 24 V operation
• On-chip protection against:
▫ Supply transients
▫ Output short-circuits
▫ Reverse battery condition
• True Zero-Speed Operation
• True Power-On State
Highly Programmable, Back-Biased, Hall-Effect Switch
with TPOS Functionality
Package: 4-pin SIP (suffix SE)
Functional Block Diagram
Not to scale
ATS128LSE
Switchpoint
TC Trim
VCC
GND
VOUT
To all subcircuits
Regulator
Trim Control
Signal Recovery
Amp
Program Control
Output Fall Time
Output Polarity


Similar Part No. - ATS128

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS128LSE ALLEGRO-ATS128LSE Datasheet
804Kb / 25P
Chopper stabilization for stable switchpoints throughout operating temperature range
More results

Similar Description - ATS128

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3150 ALLEGRO-3150 Datasheet
100Kb / 12P
PROGRAMMABLE, CHOPPERSTABILIZED, HALL-EFFECT SWITCH
April 12, 1999
ATS635LSE ALLEGRO-ATS635LSE Datasheet
814Kb / 15P
Programmable Back Biased Hall-Effect Switch with TPOS Functionality
A1128LLTTR-T ALLEGRO-A1128LLTTR-T Datasheet
362Kb / 20P
Highly Programmable Hall-Effect Switch
logo
Topstek Inc.
TGH-3A TOPSTEK-TGH-3A Datasheet
92Kb / 2P
Highly reliable Hall Effect device
TMC-100A TOPSTEK-TMC-100A Datasheet
129Kb / 2P
Highly reliable Hall Effect device
TP-25A TOPSTEK-TP-25A Datasheet
112Kb / 2P
Highly reliable Hall Effect device
TPH-25A TOPSTEK-TPH-25A Datasheet
160Kb / 2P
Highly reliable Hall Effect device
logo
Allegro MicroSystems
A1128 ALLEGRO-A1128 Datasheet
963Kb / 20P
Highly Programmable Hall-Effect Switch
A1377 ALLEGRO-A1377 Datasheet
767Kb / 25P
Highly Programmable Linear Hall-Effect Sensor IC
logo
Micronas
HAL1002 MICRONAS-HAL1002 Datasheet
400Kb / 29P
Highly Precise Programmable Hall-Effect Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com