Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS128 Datasheet(PDF) 24 Page - Allegro MicroSystems

Part # ATS128
Description  Highly Programmable, Back-Biased, Hall-Effect Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS128 Datasheet(HTML) 24 Page - Allegro MicroSystems

Back Button ATS128 Datasheet HTML 17Page - Allegro MicroSystems ATS128 Datasheet HTML 18Page - Allegro MicroSystems ATS128 Datasheet HTML 19Page - Allegro MicroSystems ATS128 Datasheet HTML 20Page - Allegro MicroSystems ATS128 Datasheet HTML 21Page - Allegro MicroSystems ATS128 Datasheet HTML 22Page - Allegro MicroSystems ATS128 Datasheet HTML 23Page - Allegro MicroSystems ATS128 Datasheet HTML 24Page - Allegro MicroSystems ATS128 Datasheet HTML 25Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Highly Programmable, Back-Biased,
Hall-Effect Switch with TPOS Functionality
ATS128LSE
24
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Package SE 4-Pin SIP
1.0 REF
0.9±0.1
1.3±0.1
4.9±0.1
3.3±0.1
10.00±0.05
7.00±0.05
6.23±0.10
11.60±0.10
0.60±0.10
24.65±0.10
0.71±0.10
0.71±0.10
1.60±0.10
1.27±0.10
5.50±0.10
2.00±0.10
1.0 REF
For Reference Only, not for tooling use (reference DWG-9001)
Dimensions in millimeters
24
3
1
A
A
A
B
C
C
D
D
B
Dambar removal protrusion (16X)
Metallic protrusion, electrically connected to pin 4 and substrate (both sides)
Thermoplastic Molded Lead Bar for alignment during shipment
Standard Branding Reference View
LLLLLLL
YYWW
NNN
Branded
Face
= Supplier emblem
L = Lot identifier
N = Last three numbers of device part number
and optional subtype codes
Y = Last two digits of year of manufacture
W = Week of manufacture
Branding scale and appearance at supplier discretion
0.38 +0.06
–0.04
E
E
F
F
Active Area Depth, 0.43 mm
Hall element (not to scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com