Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS128 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS128
Description  Highly Programmable, Back-Biased, Hall-Effect Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS128 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS128 Datasheet HTML 6Page - Allegro MicroSystems ATS128 Datasheet HTML 7Page - Allegro MicroSystems ATS128 Datasheet HTML 8Page - Allegro MicroSystems ATS128 Datasheet HTML 9Page - Allegro MicroSystems ATS128 Datasheet HTML 10Page - Allegro MicroSystems ATS128 Datasheet HTML 11Page - Allegro MicroSystems ATS128 Datasheet HTML 12Page - Allegro MicroSystems ATS128 Datasheet HTML 13Page - Allegro MicroSystems ATS128 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Highly Programmable, Back-Biased,
Hall-Effect Switch with TPOS Functionality
ATS128LSE
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Application Information
Figure 4. Typical Application Circuit
Figure 5. Concept of Chopper Stabilization Technique
Chopper Stabilization Technique
When using Hall-effect technology, a limiting factor for
switchpoint accuracy is the small signal voltage developed across
the Hall element. This voltage is disproportionally small relative
to the offset that can be produced at the output of the Hall sensor
IC. This makes it difficult to process the signal while maintain-
ing an accurate, reliable output over the specified operating
temperature and voltage ranges. Chopper stabilization is a unique
approach used to minimize Hall offset on the chip. Allegro
employs a patented technique to remove key sources of the out-
put drift induced by thermal and mechanical stresses. This offset
reduction technique is based on a signal modulation-demodula-
tion process. The undesired offset signal is separated from the
magnetic field-induced signal in the frequency domain, through
modulation. The subsequent demodulation acts as a modulation
process for the offset, causing the magnetic field-induced signal
to recover its original spectrum at base band, while the DC offset
becomes a high-frequency signal. The magnetic-sourced signal
then can pass through a low-pass filter, while the modulated DC
offset is suppressed. In addition to the removal of the thermal and
stress related offset, this novel technique also reduces the amount
of thermal noise in the Hall sensor IC while completely removing
the modulated residue resulting from the chopper operation. The
chopper stabilization technique uses a high frequency sampling
clock. For demodulation process, a sample and hold technique is
used. This high-frequency operation allows a greater sampling
rate, which results in higher accuracy and faster signal-processing
capability. This approach desensitizes the chip to the effects
of thermal and mechanical stresses, and produces devices that
have extremely stable quiescent Hall output voltages and precise
recoverability after temperature cycling. This technique is made
possible through the use of a BiCMOS process, which allows the
use of low-offset, low-noise amplifiers in combination with high-
density logic integration and sample-and-hold circuits.
Amp
Regulator
Clock/Logic
Hall Element
Tuned
Filter
Anit-aliasing
LP Filter
2
VCC
1.2 kΩ
100 Ω
V+
IC Output
GND
VOUT
CBYPASS
0.1 μF
120 pF
RLOAD
CLOAD
ATS128
1
3
A
A
A
A
A
Tie to device pins using
traces as short as possible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com