Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS128 Datasheet(PDF) 19 Page - Allegro MicroSystems

Part # ATS128
Description  Highly Programmable, Back-Biased, Hall-Effect Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS128 Datasheet(HTML) 19 Page - Allegro MicroSystems

Back Button ATS128 Datasheet HTML 15Page - Allegro MicroSystems ATS128 Datasheet HTML 16Page - Allegro MicroSystems ATS128 Datasheet HTML 17Page - Allegro MicroSystems ATS128 Datasheet HTML 18Page - Allegro MicroSystems ATS128 Datasheet HTML 19Page - Allegro MicroSystems ATS128 Datasheet HTML 20Page - Allegro MicroSystems ATS128 Datasheet HTML 21Page - Allegro MicroSystems ATS128 Datasheet HTML 22Page - Allegro MicroSystems ATS128 Datasheet HTML 23Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
Highly Programmable, Back-Biased,
Hall-Effect Switch with TPOS Functionality
ATS128LSE
19
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
BOP Selection
The ATS128 allows accurate trimming of the magnetic operate
point, BOP , within the application. This programmable feature
reduces effects due to mechanical placement tolerances and
improves performance when used in proximity or gear tooth sens-
ing applications.
BOP can be set to any value within the range allowed by the
BOPSEL registers. This includes switchpoints of south or north
polarity, and switchpoints at or near the zero crossing point for
B. However, switching is recommended only within the air gap
limits specified in the Operating Characteristics table.
Trimming of BOP is typically done in two stages. In the first
stage, BOP is adjusted temporarily using the Try mode program-
ming features, to find the fuse value that corresponds to the
optimum BOP. After a value is determined, then it can be perma-
nently set using the Blow mode features.
As an aid to programming the ATS128 has several options avail-
able in Try Mode for adjusting the BOP parameter. As shown in
figure 14, these allow trimming of BOP for operation in north or
south polarity magnetic fields. In addition the BOP parameter can
either trim-up, start at the BOP minimum value and increase to
the maximum value, or trim-down, starting at the BOP maximum
value and decreasing to the minimum value.
The Trim Up-Counting and Trim Down-Counting features can
simplify switchpoint calibration by allowing the user to find
the codes for both the magnetic operation point, BOP, and the
magnetic release point, BRP. As an example, consider using the
ATS128 as a proximity sensor to detect rotational displacement
of a ferromagnetic target (see figure 15). When the ferromagnetic
target is centered opposite the device branded face, its location
is considered homed (0 mm displacement). If the target rotates
a certain distance, ± θ, in either direction, the sensor IC output
should change state.
(A) BOP Positive, Trim Up-Counting Register
(B) BOP Positive, Trim Down-Counting Register
(C) BOP Negative, Trim Up-Counting Register
(D) BOP Negative, Trim Down-Counting Register
BOP(max)
B+ (south)
B– (north)
BOP(max)
B+ (south)
B– (north)
B+ (south)
B– (north)
B+ (south)
B– (north)
BOP(min)
BOP(max)
BOP(max)
BOP(min)
BOP(min)
BOP(min)
Try Mode, Bit Field Code
0
0
0
255
Try Mode, Bit Field Code
0
255
Try Mode, Bit Field Code
0
255
Try Mode, Bit Field Code
0
0
0
255
BOP Setpoint
BOP Setpoint
BOP Setpoint
BOP Setpoint
Figure 14. BOP profiles for each of the four BOP Selection virtual registers available in Try mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com