Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS128 Datasheet(PDF) 14 Page - Allegro MicroSystems

Part # ATS128
Description  Highly Programmable, Back-Biased, Hall-Effect Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS128 Datasheet(HTML) 14 Page - Allegro MicroSystems

Back Button ATS128 Datasheet HTML 10Page - Allegro MicroSystems ATS128 Datasheet HTML 11Page - Allegro MicroSystems ATS128 Datasheet HTML 12Page - Allegro MicroSystems ATS128 Datasheet HTML 13Page - Allegro MicroSystems ATS128 Datasheet HTML 14Page - Allegro MicroSystems ATS128 Datasheet HTML 15Page - Allegro MicroSystems ATS128 Datasheet HTML 16Page - Allegro MicroSystems ATS128 Datasheet HTML 17Page - Allegro MicroSystems ATS128 Datasheet HTML 18Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
Highly Programmable, Back-Biased,
Hall-Effect Switch with TPOS Functionality
ATS128LSE
14
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
The four BOP selecting virtual registers allow the programmer
to adjust the BOP parameter for use with a wide magnetic field
range. In addition, values can be traversed from low to high, or
from high to low. Figure 12 shows the relationship between the
BOP parameter and the different Try mode registers. Note: See the
Output Polarity section for information about setting the POL bit
before using Try mode.
The FALL and POL fields are in the same register (FALL is
bits 1:0, and POL is bit 2). Therefore, in Try mode both can be
programmed simultaneously by adding the codes for the two
parameters, and send the sum as the code. For example, sending
code 7 (111) sets FALL to 3 (x11) and sets POL (1xx).
Blow Mode
After the required code is determined for a given parameter, its
value can be set permanently by blowing individual fuses in the
appropriate register bit field. Blowing is accomplished by select-
ing the register and mode selection key, followed by the appro-
priate bit field address, and ending the sequence with a Blow
pulse. The Blow mode selection key is a sequence of eleven VPM
pulses followed by one VPH pulse. The Blow pulse consists of a
VPH pulse of sufficient duration, tBLOW, to permanently set an
addressed bit by blowing a fuse internal to the device. The device
power must be cycled after each individual fuse is blown.
A 0.1 μF blowing capacitor, CBLOW, must be mounted between
the VCC pin and the GND pin during programming, to ensure
enough current is available to blow fuses. If programming in the
application, CBYPASS (see figure 4) can serve the same purpose.
Due to power requirements, the fuse for each bit in the bit field
must be blown individually. The ATS128 built-in circuitry allows
only one fuse at a time to be blown. During Blow mode, the bit
field can be considered a one-hot shift register. Table 2 illustrates
how to relate the number of VPM pulses to the binary and decimal
value for Blow mode bit field addressing. It should be noted that
the simple relationship between the number of VPM pulses and
the required code is:
2n = Code,
where n is the number of VPM pulses, and the bit field has an ini-
tial state of decimal code 1 (binary 00000001). To correctly blow
the required fuses, the code representing the required parameter
value must be translated to a binary number. For example, as
shown in figure 9, decimal code 5 is equivalent to the binary
number 101. Therefore bit 2 must be addressed and blown, the
device power supply cycled, and then bit 0 must be addressed
and blown. The order of blowing bits, however, is not impor-
tant. Blowing bit 0 first, and then bit 2 is acceptable. A complete
example is shown in figure 13.
Note: After blowing, the programming is not reversible, even
after cycling the supply power. Although a register bit field fuse
cannot be reset after it is blown, additional bits within the same
register can be blown at any time until the device is locked. For
example, if bit 1 (binary 10) has been blown, it is still possible to
blow bit 0. The end result would be binary 11 (decimal code 3).
Locking the Device
After the required code for each parameter is programmed, the
device can be locked to prevent further programming of any
parameters. To do so, perform the following steps:
1. Ensure that the CBLOW capacitor is mounted.
2. Select the Output/Lock Bit register key.
3. Select Blow mode selection key.
4. Address bit 4 (10000) by sending four VPM pulses.
5. Send one Blow pulse, at IPP and SRBLOW, and sustain it for
tBLOW.
6. Delay for a tLOW interval, then power-down.
7. Optionally check all fuses.
Figure 9. Example of code 5 broken into its binary components.
Table 2. Blow Mode Bit Field Addressing
Quantity of
VPM Pulses
Binary
Register Bit Field
Decimal Equivalent
Code
0
00000001
1
1
00000010
2
2
00000100
4
3
00001000
8
4
00010000
16
5
00100000
32
6
01000000
64
7
10000000
128
(Decimal Equivalent)
Code 5
Bit Field Selection
Address Code Format
Code in Binary
Fuse Blowing
Target Bits
Fuse Blowing
Address Code Format
(Binary)
1 0 1
Bit 2
Bit 0
Code 4
Code 1
(Decimal Equivalents)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com