Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS128 Datasheet(PDF) 20 Page - Allegro MicroSystems

Part # ATS128
Description  Highly Programmable, Back-Biased, Hall-Effect Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS128 Datasheet(HTML) 20 Page - Allegro MicroSystems

Back Button ATS128 Datasheet HTML 16Page - Allegro MicroSystems ATS128 Datasheet HTML 17Page - Allegro MicroSystems ATS128 Datasheet HTML 18Page - Allegro MicroSystems ATS128 Datasheet HTML 19Page - Allegro MicroSystems ATS128 Datasheet HTML 20Page - Allegro MicroSystems ATS128 Datasheet HTML 21Page - Allegro MicroSystems ATS128 Datasheet HTML 22Page - Allegro MicroSystems ATS128 Datasheet HTML 23Page - Allegro MicroSystems ATS128 Datasheet HTML 24Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
Highly Programmable, Back-Biased,
Hall-Effect Switch with TPOS Functionality
ATS128LSE
20
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
B+
B–
Target Displacement from Home Position,
θ (°)
0
–θθ
BOP
Home
Position
Displaced
Clockwise
Displaced
Counterclockwise
Target BRP
Figure 15 shows a plot of the example, indicating magnetic field
density versus displacement, at a fixed air gap. For the example,
the magnetic field is assumed to be positive (south). At the Home
position the device output will be in a state defined by B > BOP ,
low (assuming POL = 0) . In a position at a displacement greater
than ±θ, the output will be in the state defined by B < BRP, high.
To achieve the required result, BOP is programmed to a level such
that the sensor IC changes state from low to high at ±θ.
First, the target is located at the corresponding switchpoint loca-
tion, the –θ° or +θ° position. Next, the device Positive Trim, Up-
Counting register is selected and the output is monitored while
the addressed code is increased. When the register is entered, the
default magnitude (code 1) of BOP is lower than the magnetic flux
density, Bactual, and output is low. (See A in figure 16.)
As the code is increased, BOP is increased. When BOP is increased
to a level where BOP point is greater than Bactual, the output
changes state from low to high. The code value when the device
switched from low to high corresponds to the BRP point (record
this for later reference). (See B in figure 16.)
To find the code that corresponds to BOP, the device Positive
Trim, Down-Counting register is selected, and the output is moni-
tored while the addressed code is increased. When the register
is entered, the default magnitude (code 1) BOP is higher than the
ambient field flux density, Bactual, (because the codes are inverted
for down-counting) and output is high. (See C in figure 17.)
Figure 15. Example of magnetic flux density versus target displacement. In an
application, an increasing B value could indicate either an increasing intensity of a
south field or a decreasing intensity of a north field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com