Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS128 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # ATS128
Description  Highly Programmable, Back-Biased, Hall-Effect Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS128 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button ATS128 Datasheet HTML 4Page - Allegro MicroSystems ATS128 Datasheet HTML 5Page - Allegro MicroSystems ATS128 Datasheet HTML 6Page - Allegro MicroSystems ATS128 Datasheet HTML 7Page - Allegro MicroSystems ATS128 Datasheet HTML 8Page - Allegro MicroSystems ATS128 Datasheet HTML 9Page - Allegro MicroSystems ATS128 Datasheet HTML 10Page - Allegro MicroSystems ATS128 Datasheet HTML 11Page - Allegro MicroSystems ATS128 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Highly Programmable, Back-Biased,
Hall-Effect Switch with TPOS Functionality
ATS128LSE
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Functional Description
When the Output Polarity bit is not set (POL = 0), the ATS128
output switches on after the magnetic field at the Hall sensor IC
exceeds the operate point threshold, BOP. When the magnetic field
is reduced to below the release point threshold, BRP , the device
output switches off. The difference between the magnetic operate
and release points is called the hysteresis of the device, BHYS.
In the alternative case, in which the Output Polarity bit is set
(POL = 1), the ATS128 output switches off when the magnetic
field at the Hall sensor IC exceeds the operate point threshold,
BOP. When the magnetic field is reduced to below the release
point threshold, BRP, the device output switches on.
BHYS
VOUT(off)
VOUT(on)(sat)
B+
V+
0
BOPinit
BHYS
VOUT(off)
VOUT(on)(sat)
0
V+
B–
VOUT(off)
VOUT(on)(sat)
V+
BHYS
B+
0
BOPinit
VOUT(off)
VOUT(on)(sat)
V+
BHYS
0BOPinit
B–
(A) BOPPOL = 0
POL = 0
(C) BOPPOL = 1
POL = 0
(B) BOPPOL = 0
POL = 1
(D) BOPPOL = 1
POL = 1
BOPinit
Figure 2. Hysteresis Diagrams. These plots demonstrate the behavior of the ATS128 with the applied magnetic field
impinging on the branded face of the device case (refer to Package Outline Drawings section). On the horizontal axis,
the B+ direction indicates increasing south or decreasing north magnetic flux density, and the B– direction indicates
increasing north or decreasing south magnetic flux density.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com