Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS128 Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # ATS128
Description  Highly Programmable, Back-Biased, Hall-Effect Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS128 Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button ATS128 Datasheet HTML 8Page - Allegro MicroSystems ATS128 Datasheet HTML 9Page - Allegro MicroSystems ATS128 Datasheet HTML 10Page - Allegro MicroSystems ATS128 Datasheet HTML 11Page - Allegro MicroSystems ATS128 Datasheet HTML 12Page - Allegro MicroSystems ATS128 Datasheet HTML 13Page - Allegro MicroSystems ATS128 Datasheet HTML 14Page - Allegro MicroSystems ATS128 Datasheet HTML 15Page - Allegro MicroSystems ATS128 Datasheet HTML 16Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Highly Programmable, Back-Biased,
Hall-Effect Switch with TPOS Functionality
ATS128LSE
12
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Overview
Programming is accomplished by sending a series of input volt-
age pulses serially through the VCC (supply) pin of the device.
A unique combination of different voltage level pulses controls
the internal programming logic of the device to select a desired
programmable parameter and change its value. There are three
voltage levels that must be taken into account when program-
ming. These levels are referred to as high (VPH), mid (VPM), and
low (VPL).
The ATS128 features three programmable modes, Try mode,
Blow mode, and Read mode:
• In Try mode, programmable parameter values are set and mea-
sured simultaneously. A parameter value is stored temporarily,
and reset after cycling the supply voltage.
• In Blow mode, the value of a programmable parameter may
be permanently set by blowing solid-state fuses internal to the
device. Device locking is also accomplished in this mode.
• In Read mode, each bit may be verified as blown or not blown.
The programming sequence is designed to help prevent the device
from being programmed accidentally; for example, as a result of
noise on the supply line. Note that, for all programming modes, no
parameter programming registers are accessible after the device-
level LOCK bit is set. The only function that remains accessible is
the overall Fuse Checking feature.
Although any programmable variable power supply can be used
to generate the pulse waveforms, for design evaluations, Allegro
highly recommends using the Allegro Sensor IC Evaluation Kit,
available on the Allegro website On-line Store. The manual for
that kit is available for download free of charge, and provides
additional information on programming these devices. (Note: This
kit is not recommended for production purposes.)
Definition of Terms
Register
The section of the programming logic that controls the
choice of programmable modes and parameters.
Bit Field
The internal fuses unique to each register, represented
as a binary number. Changing the bit field settings of a particular
Programming Guidelines
Table 1. Programming Pulse Requirements, Protocol at TA = 25°C
Characteristics
Symbol
Notes
Min.
Typ.
Max.
Unit
Programming Voltage
VPL
Measured at the VCC pin
4.5
5
5.5
V
VPM
12.5
–
14
V
VPH
21–27
V
Programming Current
IPP
VCC = 5 → 26 V, CBLOW = 0.1 μF (min); minimum supply current required to
ensure proper fuse blowing.
175
–
–
mA
Pulse Width
tLOW
Duration of VPL separating pulses at VPM or VPH
20
–
–
μs
tACTIVE
Duration of pulses at VPM or VPH for key/code selection
20
–
–
μs
tBLOW
Duration of pulse at VPH for fuse blowing
90
100
–
μs
Pulse Rise Time
tPr
VPL to VPM or VPL to VPH
5
–
100
μs
Pulse Fall Time
tPf
VPM to VPL or VPH to VPL
5
–
100
μs
Blow Pulse Slew Rate
SRBLOW
0.375
–
–
V/μs
Figure 6. Programming pulse definitions (see table 1)
GND
(Supply
cycled)
Programming
pulses
Blow
pulse
tACTIVE
tLOW
tLOW
tBLOW
tPr
tPf
VPH
VPM
VPL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com