Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS605LSG Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS605LSG
Description  Dual Output Differential Speed and Direction Sensor IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS605LSG Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS605LSG Datasheet HTML 1Page - Allegro MicroSystems ATS605LSG Datasheet HTML 2Page - Allegro MicroSystems ATS605LSG Datasheet HTML 3Page - Allegro MicroSystems ATS605LSG Datasheet HTML 4Page - Allegro MicroSystems ATS605LSG Datasheet HTML 5Page - Allegro MicroSystems ATS605LSG Datasheet HTML 6Page - Allegro MicroSystems ATS605LSG Datasheet HTML 7Page - Allegro MicroSystems ATS605LSG Datasheet HTML 8Page - Allegro MicroSystems ATS605LSG Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Dual Output Differential
Speed and Direction Sensor IC
ATS605LSG
4
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Calibration
First Output Edge
–
fOP < 600 Hz, VCC > VCC(MIN)
–
1
–
tooth
Initial Calibration8
CALI
–
3
8
edge
Operating Characteristics (with Allegro 60-0 reference target)
Operational Air Gap Range9
AG
0.75
–
3
mm
Direction Output Delay
td
Delay between first XOR SPEED output
transition and reported direction change
–
400
–
ns
Maximum Sudden Air Gap Change /
Signal Reduction10
ΔBIN
Differential magnetic signal reduction due to
instantaneous air gap change; symmetrical
signal reduction,
fOP < 500 Hz, VPROC(PKPK) > VLOE after sudden
air gap change
–
40
–
% pk-pk
Duty Cycle Variation
ΔD
Valid for SPEED(OUTA) and SPEED(OUTB)
40
50
60
%
Minimum Operating Signal11
BIN
fOP < 10,000 Hz, Output switching (no missed
edges)
–
30
–
G
fOP ≥ 10,000 Hz, Output switching (no missed
edges)
–
60
–
G
OPERATING CHARACTERISTICS (continued) Valid throughout full operating and temperature ranges; using Reference Target
60-0; unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ.7
Max.
Unit
7
Typical data is at VCC = 12 V and TA = +25°C. Performance may vary for individual units, within the specified maximum and minimum limits.
8
Possible reduced edge accuracy, ΔD not guaranteed. Edges are sensed target mechanical edges (see Definitions of Terms for Switchpoints).
9
Operating air gap is dependent on the available magnetic field. The available field is target geometry and material dependent and should be independently characterized.
10
Maximum single outward sudden allowable air gap change is in outward direction (increase in air gap).
11
Minimum operating signal, for either operating frequency range, is the differential magnetic field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com