Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS605LSG Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # ATS605LSG
Description  Dual Output Differential Speed and Direction Sensor IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS605LSG Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button ATS605LSG Datasheet HTML 4Page - Allegro MicroSystems ATS605LSG Datasheet HTML 5Page - Allegro MicroSystems ATS605LSG Datasheet HTML 6Page - Allegro MicroSystems ATS605LSG Datasheet HTML 7Page - Allegro MicroSystems ATS605LSG Datasheet HTML 8Page - Allegro MicroSystems ATS605LSG Datasheet HTML 9Page - Allegro MicroSystems ATS605LSG Datasheet HTML 10Page - Allegro MicroSystems ATS605LSG Datasheet HTML 11Page - Allegro MicroSystems ATS605LSG Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Dual Output Differential
Speed and Direction Sensor IC
ATS605LSG
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Output
The device provides three outputs (DIRECTION, XOR SPEED,
and SPEED), available in two combinations: Option #1 (-S) is
SPEED (Ch. A) and SPEED (Ch. B), and Option #2 (-F) is XOR
SPEED and DIRECTION. DIRECTION provides the target
rotation direction relative to the device. XOR SPEED provides
an XOR’d output of the two speed channels (Ch. A and Ch. B),
which results in double the speed data rate without requiring
changes to be made to the controller. SPEED will be updated
before DIRECTION and is updated at every transition of both
Channel A and Channel B allowing the use of up-down counters
without the loss of pulses.
Output Polarity
In Figure 4, the top panel, labeled Mechanical Position, repre-
sents the mechanical features of the target gear and orientation
to the device. The bottom panel, labeled Output Option # 1, the
–S variant, displays the square waveforms corresponding to the
digital SPEED output signals for channels A and B for a rotating
gear in the forward rotation direction (gear tooth passing from the
pin 4 side to the pin 1 side, Figure 3). The end result is the sensor
output switching from high state to low state as the leading edge
of a tooth (a rising mechanical edge, as detected by the sensor)
passes the sensor face. If the direction of rotation is reversed so
that the gear rotates from the pin 1 side to the pin 4 side (Figure
3), then the output polarity inverts (i.e., the output signal goes
high when a rising edge is detected, and a tooth is the nearest
feature to the sensor).
The Output Option #2 panel refers to the –F variant, for which
DIRECTION polarity is defined as ON (low) when the target
crosses the sensor face in the forward direction (from the pin
4 side to the pin 1 side), and OFF (high) for the reverse direc-
tion (from the pin 1 side to the pin 4 side). There is an option,
ATS605LSGTN-R-T, that inverts this DIRECTION output signal
polarity (SPEED output polarity is unaffected and remains as
defined above). XOR SPEED polarity is defined as SPEED A
XOR SPEED B.
Table 1: Output Pin Descriptions
Option
Pin 2 / OUTB
Pin 3 / OUTA
Option 1 (“-S”)
SPEED B
SPEED A
Option 2 (“-F”)
XOR SPEED
DIRECTION
Option 2 (“-R”)
XOR SPEED
Inverted DIRECTION
Figure 4: The magnetic profile reflects the geometry of the
target, allowing the ATS605 to present an accurate digital output
response. Please see Figure 5 for more detailed output switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com