Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS605LSG Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # ATS605LSG
Description  Dual Output Differential Speed and Direction Sensor IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS605LSG Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button ATS605LSG Datasheet HTML 2Page - Allegro MicroSystems ATS605LSG Datasheet HTML 3Page - Allegro MicroSystems ATS605LSG Datasheet HTML 4Page - Allegro MicroSystems ATS605LSG Datasheet HTML 5Page - Allegro MicroSystems ATS605LSG Datasheet HTML 6Page - Allegro MicroSystems ATS605LSG Datasheet HTML 7Page - Allegro MicroSystems ATS605LSG Datasheet HTML 8Page - Allegro MicroSystems ATS605LSG Datasheet HTML 9Page - Allegro MicroSystems ATS605LSG Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Dual Output Differential
Speed and Direction Sensor IC
ATS605LSG
6
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
REFERENCE TARGET CHARACTERISTICS 60-0 (60 Tooth Target)
Characteristics
Symbol
Test Conditions
Typ. Unit
Symbol Key
Outside Diameter
DO
Outside Diameter of
Target
120
mm
Face Width
F
Breadth of tooth, with
respect to sensor IC
6
mm
Circular Tooth Length
t
Length of tooth, with
respect to sensor IC;
measured at DO
3
deg
Circular Valley Width
tv
Length of valley, with
respect to sensor IC;
measured at DO
3
deg
Tooth Whole Depth
ht
3
mm
Material
Low Carbon Steel
–
–
F
ht
Do
Air Gap
Branded Face
of Package
Figure 2: Example of Allegro Reference Gear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com