Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS605LSG Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS605LSG
Description  Dual Output Differential Speed and Direction Sensor IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS605LSG Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS605LSG Datasheet HTML 6Page - Allegro MicroSystems ATS605LSG Datasheet HTML 7Page - Allegro MicroSystems ATS605LSG Datasheet HTML 8Page - Allegro MicroSystems ATS605LSG Datasheet HTML 9Page - Allegro MicroSystems ATS605LSG Datasheet HTML 10Page - Allegro MicroSystems ATS605LSG Datasheet HTML 11Page - Allegro MicroSystems ATS605LSG Datasheet HTML 12Page - Allegro MicroSystems ATS605LSG Datasheet HTML 13Page - Allegro MicroSystems ATS605LSG Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Dual Output Differential
Speed and Direction Sensor IC
ATS605LSG
10
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Under Voltage Lockout
When the supply voltage falls below the under voltage lockout
voltage, UVLO, the device enters Reset, where the output state
returns to the Power-On State (POS) until sufficient VCC is
supplied. ICC levels may not meet datasheet limits when VCC <
VCC(min). This lockout feature prevents false signals, caused by
under voltage conditions, from propagating to the output of the
sensor.
Power Supply Protection
The device contains an on-chip regulator and can operate over a
wide VCC range. For devices that need to operate from an unregu-
lated power supply, transient protection must be added externally.
For applications using a regulated line, EMI/RFI protection may
still be required. Contact Allegro MicroSystems for information
on the circuitry needed for compliance with various EMC speci-
fications. Refer to Figure 7 for an example of a basic application
circuit.
Automatic Gain Control (AGC)
This feature allows the device to operate with an optimal internal
electrical signal, regardless of the air gap (within the AG speci-
fication). At power-on, the device determines the peak-to-peak
amplitude of the signal generated by the target. The gain of the
sensor is then automatically adjusted. Figure 6 illustrates the
effect of this feature.
Device Features
Automatic Offset Adjust (AOA)
The AOA circuitry automatically compensates for the effects of
chip, magnet, and installation offsets. (For capability, see Allow-
able User-Induced Magnetic Offset, in the Operating Character-
istics table.) This circuitry is continuously active, including both
during power-on mode and running mode, compensating for any
offset drift (within Allowable User-Induced Magnetic Offset).
Continuous operation also allows it to compensate for offsets
induced by temperature variations over time.
Lockout
The ATS605 has a lockout feature to prevent switching on small
signals that are characteristic of vibration signals. The internal
logic of the chip will consider small signal amplitudes below a
certain level to be vibration. The output will then be held to the
state prior to lockout until the amplitude of the signal returns to
normal operational levels. Lockout is independent between speed
channels for the SPEED and SPEED output configuration, allow-
ing one channel to continue switching without the other. The
alternative XOR SPEED and DIRECTION configuration requires
both channels to exceed the lockout release value before enabling
these output signals.
Assembly Description
The ATS605 is integrally molded into a plastic body that has
been optimized for size, ease of assembly, and manufacturability.
High operating temperature materials are used in all aspects of
construction.
Figure 6: Automatic Gain Control (AGC). The AGC function
corrects for variances in the air gap. Differences in the air gap
cause differences in the magnetic field at the device, but AGC
prevents that from affecting device performance, as shown in the
lower panel.
V
R
R
R
C
V
C
C
ATS605
GND
0.1 µF
V
CC
S
PULLUP(A)
PULLUP(B)
BYP
OUTB
LOAD(A)
LOAD(B)
1
3
4
2
OUTA
Figure 7: Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com