Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS605LSG Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # ATS605LSG
Description  Dual Output Differential Speed and Direction Sensor IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS605LSG Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button ATS605LSG Datasheet HTML 3Page - Allegro MicroSystems ATS605LSG Datasheet HTML 4Page - Allegro MicroSystems ATS605LSG Datasheet HTML 5Page - Allegro MicroSystems ATS605LSG Datasheet HTML 6Page - Allegro MicroSystems ATS605LSG Datasheet HTML 7Page - Allegro MicroSystems ATS605LSG Datasheet HTML 8Page - Allegro MicroSystems ATS605LSG Datasheet HTML 9Page - Allegro MicroSystems ATS605LSG Datasheet HTML 10Page - Allegro MicroSystems ATS605LSG Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Dual Output Differential
Speed and Direction Sensor IC
ATS605LSG
7
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Functional Description
Sensing Technology
The ATS605 module contains a single-chip, dual differential
Hall-effect sensor IC, a rare earth pellet, and a flat ferrous pole
piece (concentrator). As shown in Figure 4, the Hall IC supports
three Hall elements, which sense the magnetic profile of the
ferrous gear target simultaneously, but at different points (each
channel spaced at a 1.75 mm pitch), generating two differential
internal analog voltages, VPROC, that is processed for precise
switching of the digital output signals.
The Hall IC is self-calibrating and also possesses a tempera-
ture compensated amplifier and offset cancellation circuitry. Its
voltage regulator provides supply noise rejection throughout the
operating voltage range. Changes in temperature do not greatly
affect this device due to the stable amplifier design and the offset
rejection circuitry. The Hall transducers and signal processing
electronics are integrated on the same silicon substrate, using a
proprietary BiCMOS process.
Target Profiling During Operation
An operating device is capable of providing digital information
that is representative of the mechanical features of a rotating gear.
The waveform diagram in Figure 4 presents the automatic trans-
lation of the mechanical profile, through the magnetic profile that
it induces, to the digital output signal of the ATS605. No addi-
tional optimization is needed and minimal processing circuitry is
required. This ease of use reduces design time and incremental
assembly costs for most applications.
Operating Modes:
Calibration
Once the power-on time has elapsed, the sensor IC internally
detects the magnetic profile of the target. The output becomes
active at the first detected switchpoint.
The gain of the sensor IC is adjusted during the Calibration
period, normalizing the internal signal amplitude for the air gap
range of the device. This Automatic Gain Control (AGC) feature
ensures that operational characteristics are isolated from the
effects of installation air gap variation.
Automatic Offset Adjustment (AOA) is circuitry that compen-
sates for the effects of chip, magnet, and installation offsets. (For
capability, see Allowable User-Induced Magnetic Offset, in the
Operating Characteristics table.) This circuitry works with the
AGC during calibration to help center VPROC in the dynamic
range to allow for DAC acquisition of signal peaks.
Calibration also allows for the peak detecting DACs to properly
acquire the magnetic signal, so that Running Mode switchpoints
can be accurately computed.
Running Mode
After calibration is complete, direction information is available.
This information is communicated through the available output
option.
Peak-tracking DAC algorithms allow tracking of signal drift over
temperature changes, as well as tracking of target variations, such
as tooth-to-tooth variation and effective runout. The sensor’s
dynamic monitoring of these signal peaks is updated on each
tooth and valley edge.
Automatic Offset Adjust remains active, allowing the IC to com-
pensate for offsets induced by temperature variations over time.
Figure 3: Target Rotation for Default Sensing Configuration.
(A) Pin 4 to pin 1 is forward, and (B) pin 1 to pin 4 is reverse.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com