Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS605LSG Datasheet(PDF) 14 Page - Allegro MicroSystems

Part # ATS605LSG
Description  Dual Output Differential Speed and Direction Sensor IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS605LSG Datasheet(HTML) 14 Page - Allegro MicroSystems

Back Button ATS605LSG Datasheet HTML 9Page - Allegro MicroSystems ATS605LSG Datasheet HTML 10Page - Allegro MicroSystems ATS605LSG Datasheet HTML 11Page - Allegro MicroSystems ATS605LSG Datasheet HTML 12Page - Allegro MicroSystems ATS605LSG Datasheet HTML 13Page - Allegro MicroSystems ATS605LSG Datasheet HTML 14Page - Allegro MicroSystems ATS605LSG Datasheet HTML 15Page - Allegro MicroSystems ATS605LSG Datasheet HTML 16Page - Allegro MicroSystems ATS605LSG Datasheet HTML 17Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Dual Output Differential
Speed and Direction Sensor IC
ATS605LSG
14
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Thermal Characteristics
Characteristic
Symbol
Test Conditions
Value
Unit
Package Thermal Resistance
RqJA
Minimum-K PCB, single-layer, single-sided, with copper lim-
ited to solder pads)
126
ºC/W
Low-K PCB, single-layer, single-sided with copper limited to
solder pads and 3.57 in.2 (23.03 cm2) of copper area each
side
84
ºC/W
VCC(max)
VCC(min)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com