Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS605LSG Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS605LSG
Description  Dual Output Differential Speed and Direction Sensor IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS605LSG Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS605LSG Datasheet HTML 1Page - Allegro MicroSystems ATS605LSG Datasheet HTML 2Page - Allegro MicroSystems ATS605LSG Datasheet HTML 3Page - Allegro MicroSystems ATS605LSG Datasheet HTML 4Page - Allegro MicroSystems ATS605LSG Datasheet HTML 5Page - Allegro MicroSystems ATS605LSG Datasheet HTML 6Page - Allegro MicroSystems ATS605LSG Datasheet HTML 7Page - Allegro MicroSystems ATS605LSG Datasheet HTML 8Page - Allegro MicroSystems ATS605LSG Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Dual Output Differential
Speed and Direction Sensor IC
ATS605LSG
3
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
OPERATING CHARACTERISTICS: over operating voltage and temperature range, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ. 1
Max.
Unit
Electrical Characteristics
Supply Voltage
VCC
Operating, TJ < TJ(max)
4.0
–
24
V
Reverse Supply Voltage
VRCC
–18
–
–
V
Under Voltage Lockout
VCC(UV)
VCC from 0 → 5 V or 5 → 0 V
–
–
3.95
V
Reverse Supply Current
IRCC
VCC = -18 V
–
–
–10
mA
Supply Zener Clamp Voltage
VZsupply
ICC = ICC(max) + 3 mA, TA = 25ºC
28
–
–
V
Supply Current
ICC
Output OFF (VOUT = High)
–
8.5
13
mA
Output ON (VOUT = Low)
–
8.5
13
mA
Power-On State Characteristcs
Power-On State
POS
VOUTA, VOUTB, as connected in Figure 7
–
High
–
Power On Time2,3
tPO
fOP < 200 Hz
–
–
2
ms
Output Stage for Each Output Pin
Low Output Voltage
VOUT(SAT) IOUT = 10 mA, Output = ON
–
165
350
mV
Output Zener Clamp Voltage
VZoutput
IOUT = 3 mA, TA = 25 °C
28
–
–
V
Output Current Limit
IOUT(LIM)
Output = ON (VOUT = Low), measured with
RPULLUP = 0 Ω, TJ < TJ(MAX)
30
55
85
mA
Output Leakage Current
IOUT(OFF) Output = OFF, VOUT = 24 V
–
–
10
μA
Output Rise Time
tr
10% - 90%, VPU = 12V, RPULLUP = 1 kΩ,
CL = 4.7 nF
–
10
–
μs
Output Fall Time
tr
90% - 10%, VPU = 12V, RPULLUP = 1 kΩ,
CL = 4.7 nF
–
0.6
–
μs
DAC Characteristics
Allowable User-Induced Magnetic
Offset4,5
BDIFFEXT User induced differential offset
–60
–
60
G
Switch Point Characteristics
Minimum Operational Frequency
fOPmin
Allegro® reference target
0
–
–
kHz
Maximum Operational Frequency
fOPmax
Allegro® reference target
–
20
–
kHz
Allegro® reference target, double-bandwidth
option, suffix “-H”
–
40
–
kHz
Analog Signal Bandwidth
f-3dB
Cutoff frequency for low-pass filter
–
20
–
kHz
Cutoff frequency for low-pass filter, double-
bandwidth option
–
40
–
kHz
Operate Point
BOP
% of VPROC(PKPK), Output OFF to ON
–
70
–
%
Release Point
BRP
% of VPROC(PKPK), Output ON to OFF
–
30
–
%
Lockout Enable
VLOE
VPROC(PKPK) < VLOE = Output Switching Disabled
–
250
–
mV
Lockout Release
VLOR
VPROC(PKPK) > VLOE = Output Switching Enabled
–
350
–
mV
Continued on the next page…
1
Typical data is at VCC = 12 V and TA = +25°C. Performance may vary for individual units, within the specified maximum and minimum limits.
2
Power-On Time is the time required to complete the internal automatic offset adjust; the registers are then ready for peak acquisition.
3
High speed power-on compliant, however several missing output transitions are possible.
4
1 G (gauss) = 0.1 mT (millitesla).
5
The device compensates for magnetic and installation offsets. Offsets greater than specification in gauss may cause inaccuracies in the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com