Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS605LSG Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # ATS605LSG
Description  Dual Output Differential Speed and Direction Sensor IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS605LSG Datasheet(HTML) 2 Page - Allegro MicroSystems

  ATS605LSG Datasheet HTML 1Page - Allegro MicroSystems ATS605LSG Datasheet HTML 2Page - Allegro MicroSystems ATS605LSG Datasheet HTML 3Page - Allegro MicroSystems ATS605LSG Datasheet HTML 4Page - Allegro MicroSystems ATS605LSG Datasheet HTML 5Page - Allegro MicroSystems ATS605LSG Datasheet HTML 6Page - Allegro MicroSystems ATS605LSG Datasheet HTML 7Page - Allegro MicroSystems ATS605LSG Datasheet HTML 8Page - Allegro MicroSystems ATS605LSG Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Dual Output Differential
Speed and Direction Sensor IC
ATS605LSG
2
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Unit
Supply Voltage
VCC
Refer to Power Derating section
28
V
Reverse Supply Voltage
VRCC
–18
V
Reverse Supply Current
IRCC
–50
mA
Reverse Output Voltage
VROUT
–0.5
V
Forward Output Voltage
VOUT
28
V
Output Sink Current
IOUTSINK
Internal current limiting is intended to protect the device from
output short circuits, but is not intended for continuous opera-
tion.
25
mA
Operating Ambient Temperature
TA
L temperature range
–40 to 150
ºC
Maximum Junction Temperature
TJ(max)
165
ºC
Storage Temperature
Tstg
–65 to 170
ºC
Selection Guide
Part Number
Operating Ambient
Temperature Range
TA, (°C)
Output Configuration
Operational
Frequency
(kHz)
Packing*
ATS605LSGTN-S-T
–40 to 150
Speed (OUTA); Speed (OUTB)
20
800 pieces per 13-in. reel
ATS605LSGTN-S-H-T
–40 to 150
Speed (OUTA); Speed (OUTB)
40
800 pieces per 13-in. reel
ATS605LSGTN-F-T
–40 to 150
Direction (OUTA); XOR Speed (OUTB)
20
800 pieces per 13-in. reel
ATS605LSGTN-F-H-T
–40 to 150
Direction (OUTA); XOR Speed (OUTB)
40
800 pieces per 13-in. reel
ATS605LSGTN-R-T
–40 to 150
Inverse Direction (OUTA);
XOR Speed (OUTB)
20
800 pieces per 13-in. reel
ATS605LSGTN-R-H-T
–40 to 150
Inverse Direction (OUTA);
XOR Speed (OUTB)
40
800 pieces per 13-in. reel
*Contact Allegro™ for additional packing options.
Pin-out Diagram
Terminal List Table
Number
Name
Descritpion
1
VCC
Supply voltage
2
OUTB
Option [-S]: Speed (OUTB)
Option [-F]: XOR Speed
Option [-R]: XOR Speed
3
OUTA
Option [-S]: Speed (OUTA)
Option [-F]: Default Direction
Option [-R]: Inverse Direction
4
GND
Ground
Branded
Face
1
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com