Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS605LSG Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # ATS605LSG
Description  Dual Output Differential Speed and Direction Sensor IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS605LSG Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button ATS605LSG Datasheet HTML 7Page - Allegro MicroSystems ATS605LSG Datasheet HTML 8Page - Allegro MicroSystems ATS605LSG Datasheet HTML 9Page - Allegro MicroSystems ATS605LSG Datasheet HTML 10Page - Allegro MicroSystems ATS605LSG Datasheet HTML 11Page - Allegro MicroSystems ATS605LSG Datasheet HTML 12Page - Allegro MicroSystems ATS605LSG Datasheet HTML 13Page - Allegro MicroSystems ATS605LSG Datasheet HTML 14Page - Allegro MicroSystems ATS605LSG Datasheet HTML 15Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Dual Output Differential
Speed and Direction Sensor IC
ATS605LSG
11
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Start Mode Hysteresis
This feature helps to ensure optimal self-calibration by reject-
ing electrical noise and low-amplitude target vibration during
initialization. This prevents AGC from calibrating the IC on such
spurious signals. Calibration can be performed using the actual
target features.
A typical scenario is shown in Figure 8. The Start Mode Hyster-
esis, POHYS, is a minimum level of the peak-to-peak amplitude
of the internal analog electrical signal, VPROC, that must be
exceeded before the ATS605 starts to compute switchpoints.
Figure 8: Operation of Start Mode Hysteresis
• At power-on (position 1), the ATS605 begins sampling VPROC.
• At the point where the Start Mode Hysteresis, POHYS, is exceeded, the device establishes an initial switching threshold, by using the
Continuous Update algorithm. If VPROC is falling through the limit on the low side (position 2), the switchpoint is BRP, and if VPROC
is rising through the limit on the high side (position 4), it is BOP. After this point, Start Mode Hysteresis is no longer a consider-
ation. Note that a valid VPROC value exceeding the Start Mode Hysteresis can be generated either by a legitimate target feature or by
excessive vibration.
• In either case, because the switchpoint is immediately passed as soon as it is established, the ATS605 enables switching:
--If on the low side, at BRP (position 2) the output would switch from low to high. However, because output is already high, no
output switching occurs.
At the next switchpoint, where BOP is passed (position 3), the output switches from high to low.
--If on the high side, at BOP (position 4) the output switches from high to low.
As this example demonstrates, initial output switching occurs with the same polarity, regardless of whether the Start Mode Hysteresis
is exceeded on the high side or on the low side



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com