Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS51116MPWPREP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116MPWPREP
Description  COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116MPWPREP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS51116MPWPREP Datasheet HTML 12Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 13Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 14Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 15Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 16Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 17Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 18Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 19Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
TPS51116-EP
SLUSB52A – OCTOBER 2012 – REVISED NOVEMBER 2012
www.ti.com
Overvoltage and Undervoltage Protection for VDDQ
TPS51116 monitors a resistor divided feedback voltage to detect overvoltage and undervoltage. If VDDQSET is
connected to V5IN or GND, the feedback voltage is made by an internal resistor divider inside VDDQSNS pin. If
an external resistor divider is connected to VDDQSET pin, the feedback voltage is VDDQSET voltage itself.
When the feedback voltage becomes higher than 115% of the target voltage, the OVP comparator output goes
high and the circuit latches as the high-side MOSFET driver OFF and the low-side MOSFET driver ON.
Also, TPS51116 monitors VDDQSNS voltage directly and if it becomes greater than 4 V TPS51116 turns off the
high-side MOSFET driver. When the feedback voltage becomes lower than 70% of the target voltage, the UVP
comparator output goes high and an internal UVP delay counter begins counting. After 32 cycles, TPS51116
latches OFF both top and low-side MOSFETs. This function is enabled after 1007 cycles of SMPS operation to
ensure startup.
V5IN Undervoltage Lockout (UVLO) Protection
TPS51116 has 5-V supply undervoltage lockout protection (UVLO). When the V5IN voltage is lower than UVLO
threshold voltage, SMPS, VTTLDO and VTTREF are shut off. This is a non-latch protection.
V5IN Input Capacitor
Add a ceramic capacitor with a value between 1.0
μF and 4.7 μF placed close to the V5IN pin to stabilize 5 V
from any parasitic impedance from the supply.
Thermal Shutdown
TPS51116 monitors the temperature of itself. If the temperature exceeds the threshold value, 160°C (typ),
SMPS, VTTLDO and VTTREF are shut off. This is a non-latch protection and the operation is resumed when the
device is cooled down by about 10°C.
16
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS51116-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com