Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS51116MPWPREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116MPWPREP
Description  COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116MPWPREP Datasheet(HTML) 2 Page - Texas Instruments

  TPS51116MPWPREP Datasheet HTML 1Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 2Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 3Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 4Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 5Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 6Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 7Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 8Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
TPS51116-EP
SLUSB52A – OCTOBER 2012 – REVISED NOVEMBER 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
ORDERABLE
TOP-SIDE
TA
PACKAGE
VID NUMBER
PART NUMBER
MARKING
TPS51116MPWPREP
V62/12602-01XE
–55°C to 125°C
Plastic HTSSOP PowerPAD (PWP)(2)
51116M
TPS51116MPWPEP
V62/12602-01XE-T
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
With Cu NIPDAU lead/ball finish
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range unless otherwise noted
MIN
MAX
UNIT
VBST
–0.3
36
VBST wrt LL
–0.3
6
VIN
Input voltage range
V
CS, MODE, S3, S5, VTTSNS, VDDQSNS, V5IN, VLDOIN, VDDQSET
–0.3
6
PGND, VTTGND
–0.3
0.3
DRVH
–1.0
36
LL
–1.0
30
VOUT
Output voltage range
V
LL, pulse width < 20 ns
–5
30
COMP, DRVL, PGOOD, VTT, VTTREF
–0.3
6
TJ
Maximum junction temperature
150
°C
Tstg
Storage temperature
–65
150
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS51116-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com