Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS51116MPWPREP Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116MPWPREP
Description  COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116MPWPREP Datasheet(HTML) 23 Page - Texas Instruments

Back Button TPS51116MPWPREP Datasheet HTML 19Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 20Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 21Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 22Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 23Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 24Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 25Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 26Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
TJ − Junction Temperature − °C
0
−50
0
50
100
150
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
IVTT − VTT Current − A
−2
3
0
−1
0
1
2
1
2
7
4
5
6
10
8
9
DDR2
VVTT = 0.9 V
−50
2.0
0
0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
50
100
150
TJ − Junction Temperature − °C
TJ − Junction Temperature − °C
0
−50
0
50
100
150
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
TPS51116-EP
www.ti.com
SLUSB52A – OCTOBER 2012 – REVISED NOVEMBER 2012
TYPICAL CHARACTERISTICS
All data in the following graphs are measured from the PWP packaged device.
V5IN SUPPLY CURRENT
V5IN SHUTDOWN CURRENT
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 8.
Figure 9.
V5IN SUPPLY CURRENT
VLDOIN SUPPLY CURRENT
vs
vs
LOAD CURRENT
TEMPERATURE
Figure 10.
Figure 11.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: TPS51116-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com