Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS51116MPWPREP Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116MPWPREP
Description  COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116MPWPREP Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS51116MPWPREP Datasheet HTML 13Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 14Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 15Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 16Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 17Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 18Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 19Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 20Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
wP2 +
1
C
O
RL
wP1 +
1
C
C
R
O
H
3(s) +
(1 ) s
C
O
ESR)
1 ) s
C
O
RL
RL
R
S
H2(s) + * gm
R
O 1 ) s
C
C
R
C
1 ) s
C
C
R
O
1 ) s
C
C2
R
C
H1(s) +
R2
(R2 ) R1)
H(s) + H1(s)
H
2(s)
H
3(s)
TPS51116-EP
www.ti.com
SLUSB52A – OCTOBER 2012 – REVISED NOVEMBER 2012
APPLICATION INFORMATION
Loop Compensation and External Parts Selection
Current Mode Operation
A buck converter using TPS51116 current mode operation can be partitioned into three portions, a voltage
divider, an error amplifier and a switching modulator. By linearizing the switching modulator, we can derive the
transfer function of the whole system. Because current mode scheme directly controls the inductor current, the
modulator can be linearized as shown in Figure 4.
Figure 4. Linearizing the Modulator
Here, the inductor is located inside the local feedback loop and its inductance does not appear in the small signal
model. As a result, a modulated current source including the power inductor can be modeled as a current source
with its transconductance of 1/RS and the output capacitor represent the modulator portion. This simplified model
is applicable in the frequency space up to approximately a half of the switching frequency. One note is, although
the inductance has no influence to small signal model, it has influence to the large signal model as it limits slew
rate of the current source. This means the buck converter’s load transient response, one of the large signal
behaviors, can be improved by using smaller inductance without affecting the loop stability.
Total open loop transfer function of the whole system is given by Equation 6.
(6)
Assuming RL>>ESR, RO>>RC and CC>>CC2, each transfer function of the three blocks is shown starting with
Equation 7.
(7)
(8)
(9)
There are three poles and two zeros in H(s). Each pole and zero is given by the following five equations.
(10)
(11)
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TPS51116-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com