Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS51116MPWPREP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116MPWPREP
Description  COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116MPWPREP Datasheet(HTML) 20 Page - Texas Instruments

Back Button TPS51116MPWPREP Datasheet HTML 16Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 17Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 18Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 19Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 20Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 21Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 22Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 23Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
W
PKG +
T
J(max) * TA(max)
q
JA
W
DSNK + VVTT
I
VTT
W
DSRC + VVLDOIN * VVTT
I
VTT
ESR +
V
OUT
0.015
I
RIPPLE
0.75
[
VOUT
I
OUT(max)
60 [mW]
TPS51116-EP
SLUSB52A – OCTOBER 2012 – REVISED NOVEMBER 2012
www.ti.com
Equation 25.
(25)
Thermal Design
Primary power dissipation of TPS51116 is generated from VTT regulator. VTT current flow in both source and
sink directions generate power dissipation from the part. In the source phase, potential difference between
VLDOIN and VTT times VTT current becomes the power dissipation, WDSRC.
(26)
In this case, if VLDOIN is connected to an alternative power supply lower than VDDQ voltage, power loss can be
decreased.
For the sink phase, VTT voltage is applied across the internal LDO regulator, and the power dissipation, WDSNK,
is calculated by Equation 27:
(27)
Because this device does not sink AND source the current at the same time and IVTT varies rapidly with time,
actual power dissipation need to be considered for thermal design is an average of above value. Another power
consumption is the current used for internal control circuitry from V5IN supply and VLDOIN supply. V5IN
supports both the internal circuit and external MOSFETs drive current. The former current is in the VLDOIN
supply can be estimated as 1.5 mA or less at normal operational conditions.
These powers need to be effectively dissipated from the package. Maximum power dissipation allowed to the
package is calculated by Equation 28,
(28)
where
•
TJ(max) is 150°C
•
TA(max) is the maximum ambient temperature in the system
•
θJA is the thermal resistance from the silicon junction to the ambient
This thermal resistance strongly depends on the board layout. TPS51116 is assembled in a thermally enhanced
PowerPAD™ package that has exposed die pad underneath the body. For improved thermal performance, this
die pad needs to be attached to ground trace via thermal land on the PCB. This ground trace acts as a heat
sink/spread. The typical thermal resistance, 41.2°C/W, is achieved based on a 6.5 mm × 3.4 mm thermal land
with eight vias without air flow. It can be improved by using larger thermal land and/or increasing vias number.
Further information about PowerPAD™ and its recommended board layout is described in (SLMA002). This
document is available at http:\\www.ti.com.
20
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS51116-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com