Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS51116MPWPREP Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116MPWPREP
Description  COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116MPWPREP Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS51116MPWPREP Datasheet HTML 14Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 15Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 16Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 17Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 18Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 19Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 20Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 21Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
O
C2
C
C
ESR
C
R
´
=
wz2 +
1
C
O
ESR
+ wp3 +
1
C
C2
R
C
R
C + 2.8
V
OUT
C
O [mF]
R
S [mW]
R
C v 2
p
f
0
V
OUT
0.75
C
O
gm
R
S
I
IND(peak) +
V
TRIP
R
DS(on)
)
1
L
f
V
IN(max) * VOUT
V
OUT
V
IN(max)
L +
1
I
IND(ripple)
f
V
IN(max) * VOUT
V
OUT
V
IN(max)
+
2
I
OUT(max)
f
V
IN(max) * VOUT
V
OUT
V
IN(max)
f
0 +
1
2p
R1
R1 ) R2
gm
C
O
R
C
R
S
+
1
2p
0.75
V
OUT
gm
C
O
R
C
R
S
wZ2 +
1
C
O
ESR
wZ1 +
1
C
C
R
C
wP3 +
1
C
C2
R
C
TPS51116-EP
SLUSB52A – OCTOBER 2012 – REVISED NOVEMBER 2012
www.ti.com
(12)
(13)
(14)
Usually, each frequency of those poles and zeros is lower than the 0 dB frequency, f0. However, the f0 should be
kept under 1/3 of the switching frequency to avoid effect of switching circuit delay. The f0 is given by Equation 15.
(15)
Based on small signal analysis above, the external components can be selected by following manner.
1. Choose the inductor. The inductance value should be determined to give the ripple current of
approximately 1/4 to 1/2 of maximum output current.
(16)
The inductor also needs to have low DCR to achieve good efficiency, as well as enough room above peak
inductor current before saturation. The peak inductor current can be estimated as shown in Equation 17.
(17)
2. Choose rectifying (bottom) MOSFET. When RDS(on) sensing scheme is selected, the rectifying MOSFET’s
on-resistance is used as this RS so that lower RDS(on) does not always promise better performance. In order
to clearly detect inductor current, minimum RS recommended is to give 15 mV or larger ripple voltage with
the inductor ripple current. This promises smooth transition from CCM to DCM or vice versa. Upper side of
the RDS(on) is of course restricted by the efficiency requirement, and usually this resistance affects efficiency
more at high-load conditions. When using external resistor current sensing, there is no restriction for low
RDS(on). However, the current sensing resistance RS itself affects the efficiency
3. Choose output capacitor(s). When organic semiconductor capacitors (OS-CON) or specialty polymer
capacitors (SP-CAP) are used, ESR to achieve required ripple value at stable state or transient load
conditions determines the amount of capacitor(s) need, and capacitance is then enough to satisfy stable
operation. The peak-to-peak ripple value can be estimated by ESR times the inductor ripple current for stable
state, or ESR times the load current step for a fast transient load response. When ceramic capacitor(s) are
used, the ESR is usually small enough to meet ripple requirement. In contrast, transient undershoot and
overshoot driven by output capacitance becomes the key factor in determining the capacitor(s) required.
4. Determine f0 and calculate RC using Equation 18. Note that higher RC shows faster transient response in
cost of unstableness. If the transient response is not enough even with high RC value, try increasing the out
put capacitance. Recommended f0 is fOSC/4. Then RC can be derived by Equation 19.
(18)
(19)
5. Calculate CC2 . Purpose of this capacitance is to cancel zero caused by ESR of the output capacitor. When
ceramic capacitor(s) are used, no need for CC2.
(20)
(21)
18
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: TPS51116-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com