Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS51116MPWPREP Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116MPWPREP
Description  COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116MPWPREP Datasheet(HTML) 25 Page - Texas Instruments

Back Button TPS51116MPWPREP Datasheet HTML 21Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 22Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 23Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 24Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 25Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 26Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 27Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 28Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
4
8
12
16
20
24
30
1.785
1.795
1.800
1.790
1.815
1.820
1.810
1.805
1.780
VIN − Input Voltage − V
D−CAP
™ Mode
IVDDQ = 0 A
IVDDQ = 10 A
0
2
1.785
1.795
1.800
1.790
1.815
1.820
1.810
1.805
1.780
4
6
8
10
IVDDQ − VDDQ Output Current − A
D−CAP
 Mode
VIN = 12 V
VIN − Input Voltage − V
DDR2
4
390
370
8
12
16
20
24
28
380
420
400
410
430
D-CAP
™ Mode
IVDDQ = 7 A
DDR
0
0
2
4
6
8
10
100
150
50
300
400
450
350
250
200
IVDDQ − VDDQ Output Current − A
DDR2
D−CAP
 Mode
VIN = 12 V
DDR
TPS51116-EP
www.ti.com
SLUSB52A – OCTOBER 2012 – REVISED NOVEMBER 2012
TYPICAL CHARACTERISTICS (continued)
SWITCHING FREQUENCY
SWITCHING FREQUENCY
vs
vs
INPUT VOLTAGE
OUTPUT CURRENT
Figure 16.
Figure 17.
VDDQ OUTPUT VOLTAGE
VDDQ OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT (DDR)
INPUT VOLTAGE (DDR2)
Figure 18.
Figure 19.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: TPS51116-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com