Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS51116MPWPREP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116MPWPREP
Description  COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116MPWPREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS51116MPWPREP Datasheet HTML 9Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 10Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 11Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 12Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 13Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 14Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 15Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 16Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
PGOOD
S5
TPS51116 PWP
VLDOIN
VTT
UDG-12044
VTTGND
GND
MODE
1
2
3
5
6
5VIN
VDDQ
VIN
0.033 ?F
VTTREF
COMP
VDDQSNS
8
9
7
20
19
PGND
DRVH
LL
18
17
16
DRVL
VBST
15
14
S3
V5IN
PGOOD
13
12
11
S5
CS
4
VTTSNS
1 kW
VDDQSET
10
TPS51116-EP
www.ti.com
SLUSB52A – OCTOBER 2012 – REVISED NOVEMBER 2012
Figure 2. Application Circuit When VTT Is Not Required
Controling Outputs Using the S3 and S5 Pins
In the DDR/DDR2/DDR3/LPDDR3 memory applications, it is important to keep VDDQ always higher than
VTT/VTTREF including both start-up and shutdown. TPS51116 provides this management by simply connecting
both the S3 and S5 pins to the sleep-mode signals such as SLP_S3 and SLP_S5 in the notebook PC system. All
of VDDQ, VTTREF and VTT are turned on at S0 state (S3 = S5 = high). In S3 state (S3 = low, S5 = high), VDDQ
and VTTREF voltages are kept on while VTT is turned off and left at high impedance (high-Z) state. The VTT
output is floated and does not sink or source current in this state. In S4/S5 states (S3 = S5 = low), all of the three
outputs are disabled. Outputs are discharged to ground according to the discharge mode selected by MODE pin
(see VDDQ and VTT Discharge Control section). Each state code represents as follow; S0 = full ON, S3 =
suspend to RAM (STR), S4 = suspend to disk (STD), S5 = soft OFF. (See Table 2)
Table 2. Sleep Mode Control Using the S3 and S5 Pins
STATE
S3
S5
VDDQ
VTTREF
VTT
S0
HI
HI
ON
ON
ON
S3
LO
HI
ON
ON
OFF (High-Z)
S4/S5
LO
LO
OFF (Discharge)
Off (Discharge)
OFF (Discharge)
Soft-Start and Powergood
The soft start function of the SMPS is achieved by ramping up reference voltage and two-stage current clamp. At
the starting point, the reference voltage is set to 650 mV (87% of its target value) and the overcurrent threshold
is set half of the nominal value. When UVP comparator detects VDDQ become greater than 80% of the target,
the reference voltage is raised toward 750 mV using internal 4-bit DAC. This takes approximately 85
μs. The
overcurrent threshold is released to nominal value at the end of this period. The powergood signal waits another
45
μs after the reference voltage reaches 750 mV and the VDDQ voltage becomes good (above 95% of the
target voltage), then turns off powergood open-drain MOSFET.
The soft-start function of the VTT LDO is achieved by current clamp. The current limit threshold is also changed
in two stages using an internal powergood signal dedicated for LDO. During VTT is below the powergood
threshold, the current limit level is cut into 60% (2.2 A).This allows the output capacitors to be charged with low
and constant current that gives linear ramp up of the output. When the output comes up to the good state, the
overcurrent limit level is released to normal value (3.8 A). TPS51116 has an independent counter for each
output, but the PGOOD signal indicates only the status of VDDQ and does not indicate VTT powergood
externally. See Figure 3.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS51116-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com