Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS51116MPWPREP Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TPS51116MPWPREP
Description  COMPLETE DDR, DDR2, DDR3, AND LPDDR3 MEMORY POWER SOLUTION SYNCHRONOUS BUCK CONTROLLER, 1-A LDO, BUFFERED REFERENCE
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS51116MPWPREP Datasheet(HTML) 27 Page - Texas Instruments

Back Button TPS51116MPWPREP Datasheet HTML 23Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 24Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 25Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 26Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 27Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 28Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 29Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 30Page - Texas Instruments TPS51116MPWPREP Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
0.001
60
50
0.01
0.1
1
10
80
70
100
90
IVDDQ − VDDQ Current − A
VVDDQ = 2.5 V
VIN = 8 V
VIN = 20 V
VIN = 12 V
0.001
60
50
0.01
0.1
1
10
80
70
100
90
VVDDQ = 1.8 V
VIN = 8 V
VIN = 20 V
VIN = 12 V
IVDDQ − VDDQ Current − A
-3
0.73
0.71
-2
0.74
0.72
0.77
0.75
0.78
0.76
0.79
V
VLDOIN = 1.5 V
-1
0
I
VTT - VTT Output Current - A
1
2
3
-10
0.735
-5
0
5
10
I
VTTREF - VTTREF Current - mA
0.74
0.745
0.75
0.755
0.76
0.765
DDR3
TPS51116-EP
www.ti.com
SLUSB52A – OCTOBER 2012 – REVISED NOVEMBER 2012
TYPICAL CHARACTERISTICS (continued)
VTTREF OUTPUT VOLTAGE
VTT OUTPUT VOLTAGE
vs
vs
OUTPUT CURRENT (DDR3)
OUTPUT CURRENT (DDR3)
Figure 24.
Figure 25.
VDDQ EFFICIENCY (DDR)
VDDQ EFFICIENCY (DDR2)
vs
vs
VDDQ CURRENT
VDDQ CURRENT
Figure 26.
Figure 27.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: TPS51116-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com