Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C65013-PVC Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # CY7C65013-PVC
Description  USB Hub with Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65013-PVC Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button CY7C65013-PVC Datasheet HTML 43Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 44Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 45Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 46Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 47Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 48Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 49Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 50Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 51Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
CY7C65013
CY7C65113
Document #: 38-08002 Rev. *B
Page 49 of 51
tdratefs
Full Speed Date Rate
12 ±0.25%
Mb/s
Timer Signals
twatch
Watchdog Timer Period
8.192
14.336
ms
24.0
Ordering Information
Ordering Code
PROM Size
Package Name
Package Type
Operating Range
CY7C65013-PVC
8 KB
O48
48-pin (300-Mil) SSOP
Commercial
CY7C65113-SC
8 KB
S21
28-pin SOIC
Commercial
CY7C65013-PC
8 KB
P25
48-pin (600 Mil) PDIP
Commercial
CY7C65113-PC
8 KB
P21
28-pin (300-Mil) PDIP
Commercial
25.0
Package Diagrams
23.0
Switching Characteristics (fOSC = 6.0 MHz) (continued)
CLOCK
tCYC
tCL
tCH
90%
10%
90%
10%
D
−
D
+
tr
tr
48-lead Shrunk Small Outline Package O48
51-85061-*C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com