Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C65013-PVC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C65013-PVC
Description  USB Hub with Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65013-PVC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C65013-PVC Datasheet HTML 5Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 6Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 7Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 8Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 9Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 10Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 11Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 12Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
CY7C65013
CY7C65113
Document #: 38-08002 Rev. *B
Page 9 of 51
4.0
Product Summary Tables
4.1
Pin Assignments
3.0
Pin Configurations
Table 4-1. Pin Assignments
Name
I/O
48-pin
28-pin
Description
D+[0], D–[0]
I/O
7, 8
5, 6
Upstream port, USB differential data.
D+[1], D–[1]
I/O
10, 11
7, 8
Downstream Port 1, USB differential data.
D+[2], D–[2]
I/O
13, 14
9, 10
Downstream Port 2, USB differential data.
D+[3], D–[3]
I/O
41, 42
23, 24
Downstream Port 3, USB differential data.
D+[4], D–[4]
I/O
38, 39
21, 22
Downstream Port 4, USB differential data.
D+[5], D–[5]
I/O
35, 36
Downstream Port 5, USB differential data.
D+[6], D–[6]
I/O
31, 32
Downstream Port 6, USB differential data.
D+[7], D–[7]
I/O
18, 19
Downstream Port 7, USB differential data.
P0
I/O
P1[7:0]
21, 25, 22, 26, 23, 27,
24, 28
P1[7:0]
11, 15, 12, 16, 13,
17, 14, 18
GPIO Port 0 capable of sinking 7 mA (typical).
P1
I/O
P1[7:4,2:0]
5, 44, 4, 45; 46, 3, 47
P1[2:0]
25, 27, 26
GPIO Port 1 capable of sinking 7 mA (typical).
P2
I/O
P2[7:3]
20, 30, 17,33, 15
GPIO Port 2 capable of sinking 12 mA (typical).
P3
I/O
P3[1:0]
6, 43
GPIO Port 3, capable of sinking 12 mA (typical).
XTALIN
IN
2
2
6-MHz crystal or external clock input.
1
2
3
4
5
6
7
9
11
12
13
14
XTALIN
10
8
15
17
16
19
18
21
20
23
22
25
24
26
28
27
VCC
P1[1]
P1[0]
P1[2]
D–[3]
D+[3]
D–[4]
D+[4]
VREF
GND
D+[0]
D–[0]
D+[1]
D–[1]
D+[2]
D–[2]
P0[7]
P0[5]
P0[3]
P0[1]
XTALOUT
GND
VPP
P0[0]
P0[2]
P0[4]
P0[6]
CY7C65113
28-pin SOIC
CY7C65013
1
2
3
4
5
6
7
9
11
12
13
14
15
16
18
17
XTALIN
10
8
19
20
31
30
29
33
32
35
34
37
36
39
38
41
40
43
42
45
44
46
48
47
21
22
23
24
25
27
26
28
VCC
P1[0]
P1[2]
P1[4]
P1[6]
P3[0]
D–[3]
D+[3]
P1[1]
P1[5]
P1[7]
P3[1]
D+[0]
D–[0]
GND
D+[1]
D–[1]
VREF
D+[2]
D–[2]
P2[3]
GND
P2[5]
D+[7]
D–[7]
P2[7]
P0[7]
P0[5]
P0[3]
P0[1]
XTALOUT
GND
D–[4]
D+[4]
VREF
D–[5]
D+[5]
GND
P2[4]
D–[6]
D+[6]
P2[6]
VPP
P0[0]
P0[2]
P0[4]
P0[6]
48-pin SSOP
Top View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com