Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C65013-PVC Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # CY7C65013-PVC
Description  USB Hub with Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65013-PVC Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button CY7C65013-PVC Datasheet HTML 14Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 15Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 16Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 17Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 18Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 19Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 20Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 21Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
CY7C65013
CY7C65113
Document #: 38-08002 Rev. *B
Page 18 of 51
9.0
General-purpose I/O Ports
There are up to 32 GPIO pins (P0[7:0], P1[7:4,2:0], P2[7:3], and P3[1:0]) for the hardware interface. The number of GPIO pins
depends on package type. See Section 3.0 for the port pins availability on different package types. Each port can be configured
as inputs with internal pull-ups, open drain outputs, or traditional CMOS outputs. Port 3 offers a higher current drive, with typical
current sink capability of 12 mA. The data for each GPIO port is accessible through the data registers. Port data registers are
shown in Figure 9-2 through Figure 9-5, and are set to 1 on reset
.
Figure 9-1. Block Diagram of a GPIO Pin
Port 0 Data
Address 0x00
Bit #
7654321
0
Bit Name
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2
P0.1
P0.0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
1111111
1
Figure 9-2. Port 0 Data
Port 1 Data
Address 0x01
Bit #
76543210
Bit Name
P1.7
P1.6
P1.5
P1.4
Reserved
P1.2
P1.1
P1.0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
11111111
Figure 9-3. Port1 Data
Port 2 Data
Address 0x02
Bit #
765
43
210
Bit Name
P2.7
P2.6
P2.5
P2.4
P2.3
Reserved
Reserved
Reserved
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
111
11
111
Figure 9-4. Port 2 Data
GPIO
VCC
14 k
Ω
GPIO
CFG
mode
2-bits
Data
Out
Latch
Internal
Data Bus
Port Read
Port Write
Interrupt
Enable
Interrupt
Controller
Q1
Q3*
Q2
*Port 0,1,2: Low Isink
Port 3: High Isink
Data
Interrupt
Latch
OE
Reg_Bit
STRB
Data
In
Latch
(Latch is Transparent)
PIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com