Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C65013-PVC Datasheet(PDF) 35 Page - Cypress Semiconductor

Part # CY7C65013-PVC
Description  USB Hub with Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65013-PVC Datasheet(HTML) 35 Page - Cypress Semiconductor

Back Button CY7C65013-PVC Datasheet HTML 31Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 32Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 33Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 34Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 35Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 36Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 37Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 38Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 39Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
CY7C65013
CY7C65113
Document #: 38-08002 Rev. *B
Page 35 of 51
Bit [0..6] : Resume x (where x = 1..7).
When set to 1 Port x requesting to be resumed (set by hardware); default state is 0.
Bit 7 : Reserved.
Set to 0.
Resume from a selectively suspended port, with the hub not in suspend, typically involves the following actions:
1. Hardware detects the Resume, drives a K to the port, and generates the hub interrupt. The corresponding bit in the Resume
Status Register (0x4E) reads ‘1’ in this case.
2. Firmware responds to hub interrupt, and reads register 0x4E to determine the source of the Resume.
3. Firmware begins driving K on the port for 10 ms or more through register 0x4B.
4. Firmware clears the Selective Suspend bit for the port (0x4D), which clears the Resume bit (0x4E). This ends the hardware-driv-
en Resume, but the firmware-driven Resume continues. To prevent traffic being fed by the hub repeater to the port during or
just after the Resume, firmware should disable this port.
5. Firmware drives a timed SE0 on the port for two low-speed bit times as appropriate. Firmware must disable interrupts during
this SE0 so the SE0 pulse isn’t inadvertently lengthened, and appear as a bus reset to the downstream device.
6. Firmware drives a J on the port for one low-speed bit time, then it idles the port.
7. Firmware re-enables the port.
Resume when the hub is suspended typically involves these actions:
1. Hardware detects the Resume, drives a K on the upstream (which is then reflected to all downstream enabled ports), and
generates the hub interrupt.
2. The part comes out of suspend and the clocks start.
3. Once the clocks are stable, firmware execution resumes. An internal counter ensures that this takes at least 1 ms. Firmware
should check for Resume from any selectively suspended ports. If found, the Selective Suspend bit for the port should be
cleared; no other action is necessary.
4. The Resume ends when the host stops sending K from upstream. Firmware should check for changes to the Enable and
Connect Registers. If a port has become disabled but is still connected, an SE0 has been detected on the port. The port should
be treated as having been reset, and should be reported to the host as newly connected.
Firmware can choose to clear the Device Remote Wake-up bit (if set) to implement firmware timed states for port changes. All
allowed port changes wake the part. Then, the part can use internal timing to determine whether to take action or return to
suspend. If Device Remote Wake-up is set, automatic hardware assertions take place on Resume events.
16.5
USB Upstream Port Status and Control
USB status and control is regulated by the USB Status and Control Register, as shown in Figure 16-11. All bits in the register are
cleared during reset
.
Bits[2..0]: Control Action
Set to control action as per table 16-2.The three control bits allow the upstream port to be driven manually by firmware. For
normal USB operation, all of these bits must be cleared. Table 16-2 shows how the control bits affect the upstream port.
Hub Ports Resume
Address 0x4E
Bit #
7
6
5432
10
Bit Name
Reserved
Resume 7
Resume 6
Resume 5
Resume 4
Resume 3
Resume 2
Resume 1
Read/Write
-
R
RRR
RRR
Reset
0
0
0000
00
Figure 16-10. Hub Ports Resume Status Register
USB Status and Control
Address 0x1F
Bit #
7
6
5432
10
Bit Name
Endpoint
Size
Endpoint
Mode
D+
Upstream
D–
Upstream
Bus Activity
Control
Action
Bit 2
Control
Action
Bit 1
Control
Action
Bit 0
Read/Write
R/W
R/W
R
R
R/W
R/W
R/W
R/W
Reset
0
0
0000
00
Figure 16-11. USB Status and Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com