Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C65013-PVC Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # CY7C65013-PVC
Description  USB Hub with Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65013-PVC Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button CY7C65013-PVC Datasheet HTML 17Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 18Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 19Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 20Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 21Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 22Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 23Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 24Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
CY7C65013
CY7C65113
Document #: 38-08002 Rev. *B
Page 21 of 51
10.0
12-bit Free-Running Timer
The 12-bit timer operates with a 1-
µs tick, provides two interrupts (128µs and 1.024ms) and allows the firmware to directly time
events that are up to 4 ms in duration. The lower eight bits of the timer can be read directly by the firmware. Reading the lower
eight bits latches the upper four bits into a temporary register. When the firmware reads the upper four bits of the timer, it is actually
reading the count stored in the temporary register. The effect of this is to ensure a stable 12-bit timer value can be read, even
when the two reads are separated in time.
Bit [7:0]: Timer lower eight bits.
Bit [3:0]: Timer higher nibble
Bit [7:4]: Reserved.
Port 2 Interrupt Enable
Address 0x06
Bit #
765
43
210
Bit Name
P0.7 Intr
Enable
P0.6 Intr
Enable
P0.5 Intr
Enable
P0.4 Intr
Enable
P0.3 Intr
Enable
Reserved
Reserved
Reserved
Read/Write
W
WWW
WWW
W
Reset
000
00
000
Figure 9-9. Port 2 Interrupt Enable
Port 3 Interrupt Enable
Address 0x07
Bit #
765
43
210
Bit Name
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
P3.1 Intr
Enable
P0.3 Intr
Enable
Read/Write
W
WWW
WWW
W
Reset
000
00
000
Figure 9-10. Port 3 Interrupt Enable
Timer LSB
Address 0x24
Bit #
7
6
5432
10
Bit Name
Timer Bit 7
TimerBit 6
Timer Bit 5
Timer Bit 4
Timer Bit 3
Timer Bit 2
Timer Bit 1
Timer Bit 0
Read/Write
R
R
RRR
RRR
Reset
0
0
0000
00
Figure 10-1. Timer LSB Register
Timer MSB
Address 0x25
Bit #
7
6
5432
10
Bit Name
Reserved
Reserved
Reserved
Reserved
Timer Bit 11 Timer Bit 10
Timer Bit 9
Timer Bit 8
Read/Write
–
–
–
–
R
R
R
R
Reset
0
0
0000
00
Figure 10-2. Timer MSB Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com