Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C65013-PVC Datasheet(PDF) 36 Page - Cypress Semiconductor

Part # CY7C65013-PVC
Description  USB Hub with Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65013-PVC Datasheet(HTML) 36 Page - Cypress Semiconductor

Back Button CY7C65013-PVC Datasheet HTML 32Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 33Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 34Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 35Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 36Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 37Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 38Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 39Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 40Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
CY7C65013
CY7C65113
Document #: 38-08002 Rev. *B
Page 36 of 51
Table 16-2. Control Bit Definition for Upstream Port
Bit 3: Bus Activity.
This is a “sticky” bit that indicates if any non-idle USB event has occurred on the upstream USB port. Firmware should
check and clear this bit periodically to detect any loss of bus activity. Writing a ‘0’ to the Bus Activity bit clears it, while writing
a ‘1’ preserves the current value. In other words, the firmware can clear the Bus Activity bit, but only the SIE can set it.
Bits 4 and 5: D– Upstream and D+ Upstream.
These bits give the state of each upstream port pin individually: 1 = HIGH, 0 = LOW.
Bit 6: Endpoint Mode.
This bit used to configure the number of USB endpoints. See Section 17.2 for a detailed description.
Bit 7: Endpoint Size.
This bit used to configure the number of USB endpoints. See Section 17.2 for a detailed description.
The hub generates an EOP at EOF1 in accordance with the USB 1.1 Specification, Section 11.2.2.
17.0
USB Serial Interface Engine Operation
The CY7C65x13 SIE supports operation as a single device or a compound device. This section describes the two device
addresses, the configurable endpoints, and the endpoint function.
17.1
USB Device Addresses
The USB Controller provides two USB Device Address Registers: A (addressed at 0x10)and B (addressed at 0x40). Upon reset
and under default conditions, Device A has three endpoints and Device B has two endpoints. The USB Device Address Register
contents are cleared during a reset, setting the USB device addresses to zero and disabling these addresses. Figure 17-1 shows
the format of the USB Address Registers.
Bits[6..0]: Device Address.
Firmware writes this bits during the USB enumeration process to the non-zero address assigned by the USB host.
Bit 7: Device Address Enable.
Must be set by firmware before the SIE can respond to USB traffic to the Device Address.
17.2
USB Device Endpoints
The CY7C65x13 controller supports up to two addresses and five endpoints for communication with the host. The configuration
of these endpoints, and associated FIFOs, is controlled by bits [7,6] of the USB Status and Control Register (Figure 16-11). Bit 7
controls the size of the endpoints and bit 6 controls the number of addresses. These configuration options are detailed in
Table 17-1. Endpoint FIFOs are part of user RAM (as shown in Section 5.4.1).
Control Bits
Control Action
000
Not Forcing (SIE Controls Driver)
001
Force D+[0] HIGH, D–[0] LOW
010
Force D+[0] LOW, D–[0] HIGH
011
Force SE0; D+[0] LOW, D–[0] LOW
100
Force D+[0] LOW, D–[0] LOW
101
Force D+[0] HiZ, D–[0] LOW
110
Force D+[0] LOW, D–[0] HiZ
111
Force D+[0] HiZ, D–[0] HiZ
USB Device Address (Device A, B)
Addresses 0x10(A) and 0x40(B)
Bit #
7
6
5432
10
Bit Name
Device
Address
Enable
Device
Address
Bit 6
Device
Address
Bit 5
Device
Address
Bit 4
Device
Address
Bit 3
Device
Address
Bit 2
Device
Address
Bit 1
Device
Address
Bit 0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0000
00
Figure 17-1. USB Device Address Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com