Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C65013-PVC Datasheet(PDF) 27 Page - Cypress Semiconductor

Part # CY7C65013-PVC
Description  USB Hub with Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65013-PVC Datasheet(HTML) 27 Page - Cypress Semiconductor

Back Button CY7C65013-PVC Datasheet HTML 23Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 24Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 25Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 26Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 27Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 28Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 29Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 30Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 31Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 51 page
background image
CY7C65013
CY7C65113
Document #: 38-08002 Rev. *B
Page 27 of 51
The DI and EI instructions can be used to disable and enable interrupts, respectively. These instructions affect only the Global
Interrupt Enable bit of the CPU. If desired, EI can be used to re-enable interrupts while inside an ISR, instead of waiting for the
RETI that exits the ISR. While the global interrupt enable bit is cleared, the presence of a pending interrupt can be detected by
examining the IRQ Sense bit (Bit 7 in the Processor Status and Control Register).
14.1
Interrupt Vectors
The Interrupt Vectors supported by the USB Controller are listed in Table 14-1. The lowest-numbered interrupt (USB Bus Reset
interrupt) has the highest priority, and the highest-numbered interrupt (I2C interrupt) has the lowest priority.
Although Reset is not an interrupt, the first instruction executed after a reset is at PROM address 0x0000h—which corresponds
to the first entry in the Interrupt Vector Table. Because the JMP instruction is two bytes long, the interrupt vectors occupy two bytes.
Table 14-1. Interrupt Vector Assignments
Interrupt Vector Number
ROM Address
Function
Not Applicable
0x0000
Execution after Reset begins here
1
0x0002
USB Bus Reset interrupt
2
0x0004
128-
µs timer interrupt
3
0x0006
1.024-ms timer interrupt
4
0x0008
USB Address A Endpoint 0 interrupt
5
0x000A
USB Address A Endpoint 1 interrupt
6
0x000C
USB Address A Endpoint 2 interrupt
7
0x000E
USB Address B Endpoint 0 interrupt
8
0x0010
USB Address B Endpoint 1 interrupt
9
0x0012
USB Hub interrupt
10
0x0014
DAC interrupt
11
0x0016
GPIO interrupt
12
0x0018
I2C interrupt
CLR
Global
Interrupt
Interrupt
Acknowledge
IRQout
USB Reset Clear Interrupt
Interrupt Priority Encoder
Enable [0]
D
Q
1
Enable
Bit
CLR
USB Reset IRQ
128-
µs CLR
128-
µs IRQ
1-ms CLR
1-ms IRQ
AddrA EP0 IRQ
AddrA EP0 CLR
I2C IRQ
Vector
Enable [6]
CLK
CLR
D
Q
CLK
1
I2C CLR
I2C Int
USB Reset Int
AddrA EP1 IRQ
AddrA EP1 CLR
IRQ Sense
IRQ
Controlled by DI, EI, and
RETI Instructions
DAC IRQ
DAC CLR
To CPU
CPU
GPIO IRQ
GPIO CLR
Hub IRQ
Hub CLR
AddrA EP2 IRQ
AddrA EP2 CLR
AddrB EP0 IRQ
AddrB EP0 CLR
AddrB EP1 IRQ
AddrB EP1 CLR
(Reg 0x20)
(Reg 0x20)
CLR
Enable [2]
D
Q
1
CLK
AddrA ENP2 Int
(Reg 0x21)
Int Enable
Sense
Figure 14-3. Interrupt Controller Function Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com