Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C65013-PVC Datasheet(PDF) 12 Page - Cypress Semiconductor

Part # CY7C65013-PVC
Description  USB Hub with Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65013-PVC Datasheet(HTML) 12 Page - Cypress Semiconductor

Back Button CY7C65013-PVC Datasheet HTML 8Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 9Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 10Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 11Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 12Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 13Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 14Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 15Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 16Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 51 page
background image
CY7C65013
CY7C65113
Document #: 38-08002 Rev. *B
Page 12 of 51
5.0
Programming Model
5.1
14-bit Program Counter
The 14-bit Program Counter (PC) allows access to up to 8 KB of PROM available with the CY7C65x13 architecture. The top
32 bytes of the ROM in the 8K part are reserved for testing purposes. The program counter is cleared during reset, such that the
first instruction executed after a reset is at address 0x0000h. Typically, this is a jump instruction to a reset handler that initializes
the application (see Interrupt Vectors on page 27).
The lower eight bits of the program counter are incremented as instructions are loaded and executed. The upper six bits of the
program counter are incremented by executing an XPAGE instruction. As a result, the last instruction executed within a 256-byte
“page” of sequential code should be an XPAGE instruction. The assembler directive “XPAGEON” causes the assembler to insert
XPAGE instructions automatically. Because instructions can be either one or two bytes long, the assembler may occasionally
need to insert a NOP followed by an XPAGE to execute correctly.
The address of the next instruction to be executed, the carry flag, and the zero flag are saved as two bytes on the program stack
during an interrupt acknowledge or a CALL instruction. The program counter, carry flag, and zero flag are restored from the
program stack during a RETI instruction. Only the program counter is restored during a RET instruction.
The program counter cannot be accessed directly by the firmware. The program stack can be examined by reading SRAM from
location 0x00 and up.
OR A,[expr]
direct
0E
6
PUSH X
2E
5
OR A,[X+expr]
index
0F
7
SWAP A,X
2F
5
AND A,expr
data
10
4
SWAP A,DSP
30
5
AND A,[expr]
direct
11
6
MOV [expr],A
direct
31
5
AND A,[X+expr]
index
12
7
MOV [X+expr],A
index
32
6
XOR A,expr
data
13
4
OR [expr],A
direct
33
7
XOR A,[expr]
direct
14
6
OR [X+expr],A
index
34
8
XOR A,[X+expr]
index
15
7
AND [expr],A
direct
35
7
CMP A,expr
data
16
5
AND [X+expr],A
index
36
8
CMP A,[expr]
direct
17
7
XOR [expr],A
direct
37
7
CMP A,[X+expr]
index
18
8
XOR [X+expr],A
index
38
8
MOV A,expr
data
19
4
IOWX [X+expr]
index
39
6
MOV A,[expr]
direct
1A
5
CPL
3A
4
MOV A,[X+expr]
index
1B
6
ASL
3B
4
MOV X,expr
data
1C
4
ASR
3C
4
MOV X,[expr]
direct
1D
5
RLC
3D
4
reserved
1E
RRC
3E
4
XPAGE
1F
4
RET
3F
8
MOV A,X
40
4
DI
70
4
MOV X,A
41
4
EI
72
4
MOV PSP,A
60
4
RETI
73
8
CALL
addr
50-5F
10
JC
addr
C0-CF
5 (or 4)
JMP
addr
80-8F
5
JNC
addr
D0-DF
5 (or 4)
CALL
addr
90-9F
10
JACC
addr
E0-EF
7
JZ
addr
A0-AF
5 (or 4)
INDEX
addr
F0-FF
14
JNZ
addr
B0-BF
5 (or 4)
Table 4-3. Instruction Set Summary (continued)
MNEMONIC
operand
opcode
cycles
MNEMONIC
operand
opcode
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com