Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY7C65013-PVC Datasheet(PDF) 37 Page - Cypress Semiconductor

Part # CY7C65013-PVC
Description  USB Hub with Microcontroller
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C65013-PVC Datasheet(HTML) 37 Page - Cypress Semiconductor

Back Button CY7C65013-PVC Datasheet HTML 33Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 34Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 35Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 36Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 37Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 38Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 39Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 40Page - Cypress Semiconductor CY7C65013-PVC Datasheet HTML 41Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
CY7C65013
CY7C65113
Document #: 38-08002 Rev. *B
Page 37 of 51
When the SIE writes data to a FIFO, the internal data bus is driven by the SIE; not the CPU. This causes a short delay in the
CPU operation. The delay is three clock cycles per byte. For example, an 8-byte data write by the SIE to the FIFO generates a
delay of 2
µs (3 cycles/byte * 83.33 ns/cycle * 8 bytes).
17.3
USB Control Endpoint Mode Registers
All USB devices are required to have a control endpoint 0 (EPA0 and EPB0) that is used to initialize and control each USB
address. Endpoint 0 provides access to the device configuration information and allows generic USB status and control accesses.
Endpoint 0 is bidirectional to both receive and transmit data. The other endpoints are unidirectional, but selectable by the user
as IN or OUT endpoints.
The endpoint mode registers are cleared during reset. When USB Status And Control Register Bits [6,7] are set to [0,0] or [1,0],
the endpoint zero EPA0 and EPB0 mode registers use the format shown in Figure 17-2.
Bits[3..0]: Mode.
These sets the mode which control how the control endpoint responds to traffic.
Bit 4: ACK.
This bit is set whenever the SIE engages in a transaction to the register’s endpoint that completes with an ACK packet.
Bit 5: Endpoint 0 OUT Received.
1= Token received is an OUT token. 0= Token received is not an OUT token. This bit is set by the SIE to report the type of
token received by the corresponding device address is an OUT token. The bit must be cleared by firmware as part of the
USB processing.
Bit 6: Endpoint 0 IN Received.
1= Token received is an IN token. 0= Token received is not an IN token. This bit is set by the SIE to report the type of token
received by the corresponding device address is an IN token. The bit must be cleared by firmware as part of the USB
processing.
Bit 7: Endpoint 0 SETUP Received.
1 = Token received is a SETUP token. 0= Token received is not a SETUP token. This bit is set ONLY by the SIE to report
the type of token received by the corresponding device address is a SETUP token. Any write to this bit by the CPU will
clear it (set it to 0). The bit is forced HIGH from the start of the data packet phase of the SETUP transaction until the start
of the ACK packet returned by the SIE. The CPU should not clear this bit during this interval, and subsequently, until the
CPU first does an IORD to this endpoint 0 mode register. The bit must be cleared by firmware as part of the USB
processing.[4]
Table 17-1. Memory Allocation for Endpoints
USB Status And Control Register (0x1F) Bits [7, 6]
[0,0]
[1,0]
[0,1]
[1,1]
Two USB Addresses:
A (3 Endpoints) and
B (2 Endpoints)
Two USB Addresses:
A (3 Endpoints) and
B (2 Endpoints)
One USB Address:
A (5 Endpoints)
One USB Address:
A (5 Endpoints)
Label
Start
Address
Size
Label
Start
Address
Size
Label
Start
Address
Size
Label
Start
Address
Size
EPB1
0xD8
8
EPB0
0xA8
8
EPA4
0xD8
8
EPA3
0xA8
8
EPB0
0xE0
8
EPB1
0xB0
8
EPA3
0xE0
8
EPA4
0xB0
8
EPA2
0xE8
8
EPA0
0xB8
8
EPA2
0xE8
8
EPA0
0xB8
8
EPA1
0xF0
8
EPA1
0xC0
32
EPA1
0xF0
8
EPA1
0xC0
32
EPA0
0xF8
8
EPA2
0xE0
32
EPA0
0xF8
8
EPA2
0xE0
32
USB Device Endpoint Zero Mode (A0, B0)
Addresses 0x12(A0) and 0x42(B0)
Bit #
7
654
3
2
1
0
Bit Name
Endpoint 0
SETUP
Received
Endpoint 0
IN
Received
Endpoint 0
OUT
Received
ACK
Mode Bit 3
Mode Bit 2
Mode Bit 1
Mode Bit 0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
000
0
0
0
0
Figure 17-2. USB Device Endpoint Zero Mode Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com