Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46C64 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT46C64
Description  A/D with LCD Type 8-Bit MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C64 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT46C64 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
HT46R64/HT46C64
Rev. 1.40
9
September 21, 2004
These areas may function as a normal ROM depend-
ing upon the user
¢s requirements.
Stack Register
- STACK
The stack register is a special part of the memory used
to save the contents of the PC. The stack is organized
into 8 levels and is neither part of the data nor part of the
program, and is neither readable nor writeable. Its acti-
vated level is indexed by a stack pointer (SP) and is nei-
ther readable nor writeable. At the start of a subroutine
call or an interrupt acknowledgment, the contents of the
PC is pushed onto the stack. At the end of the subrou-
tine or interrupt routine, signaled by a return instruction
(RET or RETI), the contents of the PC is restored to its
previous value from the stack. After chip reset, the SP
will point to the top of the stack.
If the stack is full and a non-masked interrupt takes
place, the interrupt request flag is recorded but the ac-
knowledgment is still inhibited. Once the SP is decre-
mented (by RET or RETI), the interrupt is serviced. This
feature prevents stack overflow, allowing the program-
mer to use the structure easily. Likewise, if the stack is
full, and a
²CALL² is subsequently executed, a stack
overflow occurs and the first entry is lost (only the most
recent sixteen return addresses are stored).
Data Memory
- RAM
The data memory (RAM) is designed with 224
´8 bits,
and is divided into two functional groups, namely; spe-
cial function registers 32
´8 bit and general purpose data
memory, 192
´8 bit most of which are readable/writable,
although some are read only. The special function regis-
ter are overlapped in any banks.
Of the two types of functional groups, the special func-
tion registers consist of an Indirect addressing register 0
(00H), a Memory pointer register 0 (MP0;01H), an Indi-
rect addressing register 1 (02H), a Memory pointer reg-
ister 1 (MP1;03H), a Bank pointer (BP;04H), an
Accumulator (ACC;05H), a Program counter
lower-order byte register (PCL;06H), a Table pointer
(TBLP;07H), a Table higher-order byte register
(TBLH;08H), a Real time clock control register
(RTCC;09H), a Status register (STATUS;0AH), an Inter-
rupt control register 0 (INTC0;0BH), a Timer/Event
Counter 0 (TMR0; 0DH), a Timer/Event Counter 0 con-
trol register (TMR0C;0EH), a Timer/Event Counter 1
(TMR1H:0FH;TMR1L:10H), a Timer/Event Counter 1
control register (TMR1C; 11H), Interrupt control register
1 (INTC1;1EH), PWM data register (PWM0;1AH,
PWM1;1BH, PWM2;1CH, PWM3;1DH), the A/D result
lower-order byte register (ADRL;24H), the A/D result
higher-order byte register (ADRH;25H), the A/D control
register (ADCR;26H), the A/D clock setting register
(ACSR;27H), I/O registers (PA;12H, PB;14H, PD;18H)
and I/O control registers (PAC;13H, PBC;15H,
PDC;19H). The remaining space before the 40H is re-
served for future expanded usage and reading these lo-
cations will get
²00H². The space before 40H is
overlapping in each bank. The general purpose data
memory, addressed from 40H to FFH, is used for data
and control information under instruction commands. All
of the data memory areas can handle arithmetic, logic,
increment, decrement and rotate operations directly.
Except for some dedicated bits, each bit in the data
memory can be set and reset by
²SET [m].i² and ²CLR
S p e c i a l P u r p o s e
D a t a M e m o r y
0 0 H
0 1 H
0 2 H
0 3 H
0 4 H
0 5 H
0 6 H
0 7 H
0 8 H
0 9 H
0 A H
0 B H
0 C H
0 D H
0 E H
0 F H
1 0 H
1 1 H
1 2 H
1 3 H
1 4 H
1 5 H
1 6 H
1 7 H
1 8 H
1 9 H
1 A H
1 B H
1 C H
1 D H
1 E H
1 F H
G e n e r a l P u r p o s e
D a t a M e m o r y
( 1 9 2 B y t e s )
F F H
4 0 H
2 0 H
2 1 H
2 2 H
2 3 H
2 4 H
2 5 H
2 6 H
2 7 H
2 8 H
3 F H
I n d i r e c t A d d r e s s i n g R e g i s t e r 0
M P 0
I n d i r e c t A d d r e s s i n g R e g i s t e r 1
M P 1
B P
A C C
P C L
T B L P
T B L H
R T C C
S T A T U S
I N T C 0
T M R 0
T M R 0 C
T M R 1 H
T M R 1 L
T M R 1 C
P A
P A C
P B
P B C
P D
P D C
P W M 0
P W M 1
P W M 2
P W M 3
I N T C 1
A D R L
A D R H
A D C R
A C S R
: U n u s e d
R e a d a s " 0 0 "
RAM Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com