Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46C64 Datasheet(PDF) 18 Page - Holtek Semiconductor Inc

Part # HT46C64
Description  A/D with LCD Type 8-Bit MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C64 Datasheet(HTML) 18 Page - Holtek Semiconductor Inc

Back Button HT46C64 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 22Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 47 page
background image
HT46R64/HT46C64
Rev. 1.40
18
September 21, 2004
Label
(TMR1C)
Bits
Function
¾
0~2
Unused bit, read as
²0²
T1E
3
Defines the TMR1 active edge of the timer/event counter
(0= active on low to high; 1= active on high to low)
T1ON
4
Enable/disable timer counting
(0= disabled; 1= enabled)
T1S
5
Defines the TMR1 internal clock source
(0=fSYS/4; 1=32768Hz)
T1M0
T1M1
6
7
Defines the operating mode T1M1, T1M0=
01= Event count mode (External clock)
10= Timer mode (Internal clock)
11= Pulse Width measurement mode (External clock)
00= Unused
TMR1C Register
In the event count or timer mode, the timer/event coun-
ter 0(1) starts counting at the current contents in the
timer/event counter 0(1) and ends at FFH(FFFFH).
Once an overflow occurs, the counter is reloaded from
the timer/event counter preload register, and generates
an interrupt request flag (T0F; bit 6 of INTC0, T1F; bit 4
of INTC1). In the pulse width measurement mode with
the values of the T0ON/T1ON and T0E/T1E bits equal
to 1, after the TMR0 (TMR1) has received a transient
from low to high (or high to low if the TE bit is
²0²), it will
start counting until the TMR0 (TMR1) returns to the orig-
inal level and resets the T0ON/T1ON. The measured re-
sult remains in the timer/event counter even if the
activated transient occurs again. In other words, only
1-cycle measurement can be made until the
T0ON/T1ON is set. The cycle measurement will
re-function as long as it receives further transient pulse.
In this operation mode, the timer/event counter begins
counting not according to the logic level but to the tran-
sient edges. In the case of counter overflows, the coun-
ter is reloaded from the timer/event counter register and
issues an interrupt request, as in the other two modes,
i.e., event and timer modes.
To enable the counting operation, the Timer ON bit
(T0ON: bit 4 of TMR0C; T1ON: bit 4 of TMR1C) should
be set to 1. In the pulse width measurement mode, the
T0ON/T1ON is automatically cleared after the measure-
ment cycle is completed. But in the other two modes, the
T0ON/T1ON can only be reset by instructions. The
overflow of the Timer/Event Counter 0/1 is one of the
wake-up sources and can also be applied to a PFD (Pro-
grammable Frequency Divider) output at PA3 by op-
Label
(TMR0C)
Bits
Function
T0PSC0
T0PSC1
T0PSC2
0
1
2
To define the prescaler stages.
T0PSC2, T0PSC1, T0PSC0=
000: fINT=fSYS
001: fINT=fSYS/2
010: fINT=fSYS/4
011: fINT=fSYS/8
100: fINT=fSYS/16
101: fINT=fSYS/32
110: fINT=fSYS/64
111: fINT=fSYS/128
T0E
3
Defines the TMR active edge of timer/event counter
(0=active on low to high; 1=active on high to low)
T0ON
4
Enable/disable timer counting
(0=disabled; 1=enabled)
¾
5
Unused bit, read as
²0²
T0M0
T0M1
6
7
Defines the operating mode T0M1, T0M0=
01= Event count mode (External clock)
10= Timer mode (Internal clock)
11= Pulse Width measurement mode (External clock)
00= Unused
TMR0C Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com