Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46C64 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT46C64
Description  A/D with LCD Type 8-Bit MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46C64 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT46C64 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46C64 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾ fSYS=4MHz
2.2
¾
5.5
V
¾ fSYS=8MHz
3.3
¾
5.5
V
IDD1
Operating Current
(Crystal OSC)
3V
No load, ADC off
fSYS=4MHz
¾
12
mA
5V
¾
35
mA
IDD2
Operating Current
(RC OSC)
3V
No load, ADC off
fSYS=4MHz
¾
12
mA
5V
¾
35
mA
IDD3
Operating Current
(Crystal OSC, RC OSC)
5V
No load, ADC off
fSYS=8MHz
¾
48
mA
IDD4
Operating Current
(fSYS=32768Hz)
3V
No load, ADC off
¾
0.3
0.6
mA
5V
¾
0.6
1
mA
ISTB1
Standby Current
(*fS=T1)
3V
No load, system HALT
LCD off at HALT
¾¾
1
mA
5V
¾¾
2
mA
ISTB2
Standby Current
(*fS=32.768kHz OSC)
3V
No load, system HALT
LCD on at HALT, C type
¾
2.5
5
mA
5V
¾
10
20
mA
ISTB3
Standby Current
(*fS=WDT RC OSC)
3V
No load, system HALT
LCD on at HALT, C type
¾
25
mA
5V
¾
610
mA
ISTB4
Standby Current
(*fS=32.768kHz OSC)
3V
No load, system HALT
LCD on at HALT, R type,
1/2 bias, VLCD=VDD
(Low bias current option)
¾
17
30
mA
5V
¾
34
60
mA
ISTB5
Standby Current
(*fS=32.768kHz OSC)
3V
No load, system HALT
LCD on at HALT, R type,
1/3 bias, VLCD=VDD
(Low bias current option)
¾
13
25
mA
5V
¾
28
50
mA
ISTB6
Standby Current
(*fS=WDT RC OSC)
3V
No load, system HALT
LCD on at HALT, R type,
1/2 bias, VLCD=VDD
(Low bias current option)
¾
14
25
mA
5V
¾
26
50
mA
ISTB7
Standby Current
(*fS=WDT RC OSC)
3V
No load, system HALT
LCD on at HALT, R type,
1/3 bias, VLCD=VDD
(Low bias current option)
¾
10
20
mA
5V
¾
19
40
mA
VIL1
Input Low Voltage for I/O Ports,
TMR and INT
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports,
TMR and INT
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLVR
Low Voltage Reset Voltage
¾¾
2.7
3.0
3.3
V
VLVD
Low Voltage Detector Voltage
¾¾
3.0
3.3
3.6
V
IOL
I/O Port Segment Logic Output
Sink Current
3V
VOL=0.1VDD
612
¾
mA
5V
10
25
¾
mA
HT46R64/HT46C64
Rev. 1.40
5
September 21, 2004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com